Electronic Components Datasheet Search
  English  ▼

X  

SST48CF256 Datasheet(PDF) 38 Page - Silicon Storage Technology, Inc

Part # SST48CF256
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF256 Datasheet(HTML) 38 Page - Silicon Storage Technology, Inc

Back Button SST48CF256 Datasheet HTML 34Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 35Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 36Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 37Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 38Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 39Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 40Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 41Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 42Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
38
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
TABLE
3-6: CF-ATA COMMAND SET
Class
Command
Code
FR1
SC2
SN3
CY4
DH5
LBA6
1
Check Power Mode
E5H or 98H
-
-
-
-
D
-
1
Execute Drive Diagnostic
90H
-
-
-
-
D
-
1
Erase Sector(s)
C0H
-
Y7
YY
Y8
Y
2
Format Track
50H
-
Y
-
Y
Y
Y
1
Identify Drive
ECH
-
-
-
-
D
-
1
Idle
E3H or 97H
-
Y
-
-
D
-
1
Idle Immediate
E1H or 95H
-
-
-
-
D
-
1
Initialize Drive Parameters
91H
-
Y
-
-
Y
-
1
Read Buffer
E4H
-
-
-
-
D
-
1
Read Long Sector
22H or 23H
-
-
Y
Y
Y
Y
1
Read Multiple
C4H
-
Y
Y
Y
Y
Y
1
Read Sector(s)
20H or 21H
-
Y
Y
Y
Y
Y
1
Read Verify Sector(s)
40H or 41H
-
Y
Y
Y
Y
Y
1
Recalibrate
1XH
-
-
-
-
D
-
1
Request Sense
03H
-
-
-
-
D
-
1Seek
7XH
-
-
Y
Y
Y
Y
1
Set Features
EFH
Y
-
-
-
D
-
1
Set Multiple Mode
C6H
-
Y
-
-
D
-
1
Set Sleep Mode
E6H or 99H
-
-
-
-
D
-
1
Stand By
E2H or 96H
-
-
-
-
D
-
1
Stand By Immediate
E0H or 94H
-
-
-
-
D
-
1
Translate Sector
87H
-
Y
Y
Y
Y
Y
1
Wear Level
F5H
-
-
-
-
Y
-
2
Write Buffer
E8H
-
-
-
-
D
-
2
Write Long Sector
32H or 33H
-
-
Y
Y
Y
Y
3
Write Multiple
C5H
-
Y
Y
Y
Y
Y
3
Write Multiple w/o Erase
CDH
-
Y
Y
Y
Y
Y
2
Write Sector(s)
30H or 31H
-
Y
Y
Y
Y
Y
2
Write Sector(s) w/o Erase
38H
-
Y
Y
Y
Y
Y
3
Write Verify
3CH
-
Y
Y
Y
Y
Y
T3-6.0 375
1. FR = Features Register
2. SC = Sector Count Register
3. SN = Sector Number Register
4. CY = Cylinder Registers
5. DH = Card/Drive/Head Register
6. LBA = Logical Block Address Mode Supported (see command descriptions for use).
7. Y = The register contains a valid parameter for this command.
8. For the Drive/Head Register:
Y means both the CompactFlash card and head parameters are used;
D - only the CompactFlash card parameter is valid and not the head parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com