Electronic Components Datasheet Search
  English  ▼

X  

SST48CF256 Datasheet(PDF) 33 Page - Silicon Storage Technology, Inc

Part # SST48CF256
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF256 Datasheet(HTML) 33 Page - Silicon Storage Technology, Inc

Back Button SST48CF256 Datasheet HTML 29Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 30Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 31Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 32Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 33Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 34Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 35Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 36Page - Silicon Storage Technology, Inc SST48CF256 Datasheet HTML 37Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
33
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
3.1.4 True IDE Mode Addressing
When the CompactFlash Card is configured in the True IDE Mode, the I/O decoding is as follows:
3.1.5 CF-ATA Registers
The following section describes the hardware registers used by the host software to issue commands to the Com-
pactFlash device. These registers are often collectively referred to as the “task file.”
Note: In accordance with the PCMCIA specification: each of the registers below which is located at an odd offset
address may be accessed at its normal address and also the corresponding even address (normal address
-1) using data bus lines (D15-D8) when -CE1 is high and -CE2 is low unless -IOIS16 is high (not asserted)
and an I/O cycle is being performed.
3.1.5.1 Data Register (Address - 1F0H[170H];Offset 0,8,9)
The Data Register is a 16 bit register, and it is used to transfer data blocks between the CompactFlash card data
buffer and the Host. This register overlaps the Error Register. The table below describes the combinations of data
register access and is provided to assist in understanding the overlapped Data Register and Error/Feature Register
rather than to attempt to define general PCMCIA word and byte access modes and operations. See the PCMCIA
PC Card Standard Release 2.0 for definitions of the Card Accessing Modes for I/O and Memory cycles.
Note: Because of the overlapped registers, access to the 1F1H, 171H or offset 1 are not defined for word (-CE2=0
and -CE1=0) operations. These accesses are treated as accesses to the Word Data Register. The dupli-
cated registers at offsets 8, 9 and DH have no restrictions on the operations that can be performed by the
socket.
TABLE
3-5: TRUE IDE MODE I/O DECODING
-CE2
-CE1
A2
A1
A0
-IORD=0
-IOWR=0
1
0
0
0
0
RD Data
WR Data
1
0
0
0
1
Error Register
Features
1
0
0
1
0
Sector Count
Sector Count
1
0
0
1
1
Sector No.
Sector No.
1
0
1
0
0
Cylinder Low
Cylinder Low
1
0
1
0
1
Cylinder High
Cylinder High
1
0
1
1
0
Select Card/Head
Select Card/Head
1
0
1
1
1
Status
Command
0
1
1
1
0
Alt Status
Device Control
0
1
1
1
1
Drive Address
Reserved
T3-5.0 375
Data Register
CE2-
CE1-
A0
Offset
Data Bus
Word Data Register
0
0
X
0,8,9
D15-D0
Even Data Register
1
0
0
0,8
D7-D0
Odd Data Register
1
0
1
9
D7-D0
Odd Data Register
0
1
X
8,9
D15-D8
Error / Feature Register
1
0
1
1, DH
D7-D0
Error / Feature Register
0
1
X
1
D15-D8
Error / Feature Register
0
0
X
DH
D15-D8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com