Electronic Components Datasheet Search
  English  ▼

X  

KL24 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # KL24
Description  KL24/KL25 Product Brief
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KL24 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button KL24 Datasheet HTML 10Page - Freescale Semiconductor, Inc KL24 Datasheet HTML 11Page - Freescale Semiconductor, Inc KL24 Datasheet HTML 12Page - Freescale Semiconductor, Inc KL24 Datasheet HTML 13Page - Freescale Semiconductor, Inc KL24 Datasheet HTML 14Page - Freescale Semiconductor, Inc KL24 Datasheet HTML 15Page - Freescale Semiconductor, Inc KL24 Datasheet HTML 16Page - Freescale Semiconductor, Inc KL24 Datasheet HTML 17Page - Freescale Semiconductor, Inc KL24 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
4.5.2.3 DMA Controller
Four independently programmable DMA controller channels provides the means to directly transfer data between system
memory and I/O peripherals
• DMA controller is capable of functioning in run, wait and stop modes of operation
• Dual-address transfers via 32-bit master connection to the system bus
• Data transfers in 8-, 16-, or 32-bit blocks
• Continuous-mode or cycle-steal transfers from software or peripheral initiation
4.5.2.4 COP Watchdog Module
• Independent clock source input (independent from CPU/bus clock)
• Choice between two clock sources
• LPO oscillator
• Bus clock
4.5.2.5 System Clocks
• System Oscillator (XOSC) — Loop-control Pierce oscillator; Crystal or ceramic resonator range of 32 kHz to 40 kHz
(low range mode) or 3-32 MHz (high range mode)
• Multipurpose Clock Generator (MCG)
• Phase-locked loop (PLL) controlled by external MHz reference for low jitter clock output up to 100MHz VCO
output
• Frequency-locked loop (FLL) controlled by internal or external reference
• 20MHz~40MHz FLL output
• 40MHz~48MHz FLL output
• Internal reference clocks — Can be used as a clock source for other on-chip peripherals
• On-chip RC oscillator range of 31.25 kHz to 39.0625 kHz with 0.2% trim step and 1% accuracy across
temperature range of 0 °C to 70 °C and 2% accuracy across full temperature range
• Ultra low power 4 MHz IRC
Memories and Memory Interfaces
4.5.3.1 On-Chip Memory
• 48 MHz performance devices
• Up to 64 KB program flash memory for KL24 and up to 128 KB flash memory for KL25
• Up to 8 KB SRAM for KL24 and up to 16 KB SRAM for KL25
• Security circuitry to prevent unauthorized access to RAM and flash contents
Analog
4.5.4.1 Analog-to-Digital Converter (ADC)
• Linear successive approximation algorithm with up to 16-bit resolution
• Output modes:
• Differential 16-bit, 13-bit, 11-bit, and 9-bit modes, in two’s complement 16-bit sign-extended format for KL25
• Single-ended 16-bit (KL25 only), 12-bit, 10-bit, and 8-bit modes, in right-justified unsigned format
• Single or continuous conversion
• Configurable sample time and conversion speed/power
4.5.3
4.5.4
Memories and Memory Interfaces
KL24/KL25 Product Brief, Rev. 2, 6/2012
14
Preliminary
Freescale Semiconductor, Inc.
General Business Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com