Electronic Components Datasheet Search
  English  ▼

X  

KL24 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # KL24
Description  KL24/KL25 Product Brief
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KL24 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button KL24 Datasheet HTML 13Page - Freescale Semiconductor, Inc KL24 Datasheet HTML 14Page - Freescale Semiconductor, Inc KL24 Datasheet HTML 15Page - Freescale Semiconductor, Inc KL24 Datasheet HTML 16Page - Freescale Semiconductor, Inc KL24 Datasheet HTML 17Page - Freescale Semiconductor, Inc KL24 Datasheet HTML 18Page - Freescale Semiconductor, Inc KL24 Datasheet HTML 19Page - Freescale Semiconductor, Inc KL24 Datasheet HTML 20Page - Freescale Semiconductor, Inc KL24 Datasheet HTML 21Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Table 5. Chip power modes (continued)
Chip mode
Description
Core mode
Normal
recovery
method
VLPR (Very Low
Power Run)
On-chip voltage regulator is in a low power mode that supplies only
enough power to run the chip at a reduced frequency. Reduced
frequency Flash access mode (1 MHz); LVD off; in BLPI clock mode,
the fast internal reference oscillator is available to provide a low power
nominal 4MHz source for the core with the nominal bus and flash clock
required to be <800kHz; alternatively, BLPE clock mode can be used
with an external clock or the crystal oscillator providing the clock
source.
Run
—
VLPW (Very
Low Power
Wait) -via WFI
Same as VLPR but with the core in sleep mode to further reduce
power; NVIC remains sensitive to interrupts (FCLK = ON). On-chip
voltage regulator is in a low power mode that supplies only enough
power to run the chip at a reduced frequency.
Sleep
Interrupt
VLPS (Very Low
Power Stop)-via
WFI
Places chip in static state with LVD operation off. Lowest power mode
with ADC and pin interrupts functional. Peripheral clocks are stopped,
but OSC, LPTMR, RTC, CMP, TSI can be used. TPM and UART can
optionally be enabled if their clock source is enabled. NVIC is disabled
(FCLK = OFF); AWIC is used to wake up from interrupt. On-chip
voltage regulator is in a low power mode that supplies only enough
power to run the chip at a reduced frequency. All SRAM is operating
(content retained and I/O states held).
Sleep Deep
Interrupt
LLS (Low
Leakage Stop)
State retention power mode. Most peripherals are in state retention
mode (with clocks stopped), but OSC, LLWU, LPTMR, RTC, CMP,,
TSI can be used. NVIC is disabled; LLWU is used to wake up.
NOTE: The LLWU interrupt must not be masked by the interrupt
controller to avoid a scenario where the system does not fully
exit stop mode on an LLS recovery.
All SRAM is operating (content retained and I/O states held).
Sleep Deep
Wakeup
Interrupt1
VLLS3 (Very
Low Leakage
Stop3)
Most peripherals are disabled (with clocks stopped), but OSC, LLWU,
LPTMR, RTC, CMP, TSI can be used. NVIC is disabled; LLWU is used
to wake up.
SRAM_U and SRAM_L remain powered on (content retained and I/O
states held).
Sleep Deep
Wakeup Reset2
VLLS1 (Very
Low Leakage
Stop1)
Most peripherals are disabled (with clocks stopped), but OSC, LLWU,
LPTMR, RTC, CMP, TSI can be used. NVIC is disabled; LLWU is used
to wake up.
All of SRAM_U and SRAM_L are powered off.
Sleep Deep
Wakeup Reset2
VLLS0 (Very
Low Leakage
Stop 0)
Most peripherals are disabled (with clocks stopped), but LLWU,
LPTMR, RTC, TSI can be used. NVIC is disabled; LLWU is used to
wake up.
All of SRAM_U and SRAM_L are powered off.
LPO shut down, optional POR brown-out detection
Sleep Deep
Wakeup Reset2
1. Resumes normal run mode operation by executing the LLWU interrupt service routine.
2. Follows the reset flow with the LLWU interrupt flag set for the NVIC.
Power modes
KL24/KL25 Product Brief, Rev. 2, 6/2012
Freescale Semiconductor, Inc.
Preliminary
19
General Business Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com