Electronic Components Datasheet Search
  English  ▼

X  

KL24 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # KL24
Description  KL24/KL25 Product Brief
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KL24 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button KL24 Datasheet HTML 13Page - Freescale Semiconductor, Inc KL24 Datasheet HTML 14Page - Freescale Semiconductor, Inc KL24 Datasheet HTML 15Page - Freescale Semiconductor, Inc KL24 Datasheet HTML 16Page - Freescale Semiconductor, Inc KL24 Datasheet HTML 17Page - Freescale Semiconductor, Inc KL24 Datasheet HTML 18Page - Freescale Semiconductor, Inc KL24 Datasheet HTML 19Page - Freescale Semiconductor, Inc KL24 Datasheet HTML 20Page - Freescale Semiconductor, Inc KL24 Datasheet HTML 21Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
4.5.6.4 UART1 to UARTx
• Full-duplex, standard non-return-to-zero (NRZ) format
• Double-buffered transmitter and receiver with separate enables
• Programmable baud rates (13-bit modulo divider)
• Interrupt-driven or polled operation:
• Transmit data register empty and transmission complete
• Receive data register full
• Receive overrun, parity error, framing error, and noise error
• Idle receiver detect
• Active edge on receive pin
• Break detect supporting LIN
• Hardware parity generation and checking
• Programmable 8-bit or 9-bit character length
• Programmable 1-bit or 2-bit stop bits
• Receiver wakeup by idle-line or address-mark
• Optional 13-bit break character generation / 11-bit break character detection
• Selectable transmitter output polarity
4.5.6.5 UART0
• Full-duplex operation
• Standard mark/space non-return-to-zero (NRZ) format
• 13-bit baud rate selection with fractional divide of 32
• Programmable 8-bit or 9-bit data format
• Separately enabled transmitter and receiver
• Programmable transmitter output polarity
• Programmable receive input polarity
• 13-bit break character option
• 11-bit break character detection option
• Two receiver wakeup methods:
• Idle line wakeup
• Address mark wakeup
• Address match feature in receiver to reduce address mark wakeup ISR overhead
• Interrupt or DMA driven operation
• Receiver framing error detection
• Hardware parity generation and checking
• Configurable oversampling ratio to support from 1/4 to 1/32 bit-time noise detection
• Operation in low power modes
4.5.6.6 Serial Peripheral Interface (SPI)
• Master and slave mode
• Full-duplex, three-wire synchronous transfers
• Programmable transmit bit rate
• Double-buffered transmit and receive data registers
• Serial clock phase and polarity options
• Slave select output
• Mode fault error flag with CPU interrupt capability
• Control of SPI operation during wait mode
• Selectable MSB-first or LSB-first shifting
• Support for both transmit and receive by DMA
Communication Interfaces
KL24/KL25 Product Brief, Rev. 2, 6/2012
Freescale Semiconductor, Inc.
Preliminary
17
General Business Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com