Electronic Components Datasheet Search
  English  ▼

X  

KL24 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # KL24
Description  KL24/KL25 Product Brief
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KL24 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button KL24 Datasheet HTML 13Page - Freescale Semiconductor, Inc KL24 Datasheet HTML 14Page - Freescale Semiconductor, Inc KL24 Datasheet HTML 15Page - Freescale Semiconductor, Inc KL24 Datasheet HTML 16Page - Freescale Semiconductor, Inc KL24 Datasheet HTML 17Page - Freescale Semiconductor, Inc KL24 Datasheet HTML 18Page - Freescale Semiconductor, Inc KL24 Datasheet HTML 19Page - Freescale Semiconductor, Inc KL24 Datasheet HTML 20Page - Freescale Semiconductor, Inc KL24 Datasheet HTML 21Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Human Machine Interface
4.5.7.1 General Purpose Input/Output (GPIO)
• Hysteresis and configurable pull up device on all input pins
• Configurable drive strength on some output pins
• Independent pin value register to read logic level on digital pin
4.5.7.2 Touch Sensor Input (TSI)
• Support up to 16 external electrodes
• Automatic detection of electrode capacitance across all operational power modes
• Internal reference oscillator for high-accuracy measurement
• Configurable software or hardware scan trigger
• Fully support Freescale touch sensing software (TSS) library
• Capability to wake MCU from low power modes
• Compensate for temperature and supply voltage variations
• High sensitivity change with 16-bit resolution register
• Configurable up to 4096 scan times.
• Support DMA data transfer
5 Power modes
The power management controller (PMC) provides multiple power options to allow the user to optimize power consumption
for the level of functionality needed.
Depending on the stop requirements of the user application, a variety of stop modes are available that provide state retention,
partial power down or full power down of certain logic and/or memory. I/O states are held in all modes of operation. The
following table compares the various power modes available.
For each run mode there is a corresponding wait and stop mode. Wait modes are similar to ARM sleep modes. Stop modes
(VLPS, STOP) are similar to ARM sleep deep mode. The very low power run (VLPR) operating mode can drastically reduce
runtime power when the maximum bus frequency is not required to handle the application needs.
The three primary modes of operation are run, wait and stop. The WFI instruction invokes both wait and stop modes for the
chip. The primary modes are augmented in a number of ways to provide lower power based on application needs.
Table 5. Chip power modes
Chip mode
Description
Core mode
Normal
recovery
method
Normal run
Allows maximum performance of chip. Default mode out of reset; on-
chip voltage regulator is on.
Run
—
Normal Wait -
via WFI
Allows peripherals to function while the core is in sleep mode, reducing
power. NVIC remains sensitive to interrupts; peripherals continue to be
clocked.
Sleep
Interrupt
Normal Stop -
via WFI
Places chip in static state. Lowest power mode that retains all registers
while maintaining LVD protection. NVIC is disabled; AWIC is used to
wake up from interrupt; peripheral clocks are stopped.
Sleep Deep
Interrupt
Table continues on the next page...
4.5.7
Human Machine Interface
KL24/KL25 Product Brief, Rev. 2, 6/2012
18
Preliminary
Freescale Semiconductor, Inc.
General Business Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com