Electronic Components Datasheet Search
  English  ▼

X  

KL25PB Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # KL25PB
Description  KL24/KL25 Product Brief
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KL25PB Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button KL25PB Datasheet HTML 8Page - Freescale Semiconductor, Inc KL25PB Datasheet HTML 9Page - Freescale Semiconductor, Inc KL25PB Datasheet HTML 10Page - Freescale Semiconductor, Inc KL25PB Datasheet HTML 11Page - Freescale Semiconductor, Inc KL25PB Datasheet HTML 12Page - Freescale Semiconductor, Inc KL25PB Datasheet HTML 13Page - Freescale Semiconductor, Inc KL25PB Datasheet HTML 14Page - Freescale Semiconductor, Inc KL25PB Datasheet HTML 15Page - Freescale Semiconductor, Inc KL25PB Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Table 4. KL25 48MHz performance table (continued)
MC Part number
Low Power UART
1
1
1
1
1
1
1
1
1
1
1
1
UART
2
2
2
2
2
2
2
2
2
2
2
2
SPI chip selects per
module
1/1
1/1
1/1
1/1
1/1
1/1
1/1
1/1
1/1
1/1
1/1
1/1
I2C
2
2
2
2
2
2
2
2
2
2
2
2
USB OTG LS/FS w/ on-
chip xcvr
1
1
1
1
1
1
1
1
1
1
1
1
USB 120mAReg
YES
YES
YES
YES
YES
YES
YES
YES
YES
YES
YES
YES
Human-Machine Interface
Segment LCD
-
-
-
-
-
-
-
-
-
-
-
-
TSI (Capacitive Touch)
9ch
9ch
9ch
14ch
14ch
14ch
16ch
16ch
16ch
16ch
16ch
16ch
Total GPIOs
23
23
23
36
36
36
50
50
50
66
66
66
GPIOs w/ Interrupt
12
12
12
16
16
16
19
19
19
23
23
23
High Current GPIOs
(18mA)
2
2
2
4
4
4
4
4
4
4
4
4
Operating Characteristics
Voltage Range
1.71-3.
6V
1.71-3.
6V
1.71-3.
6V
1.71-3.
6V
1.71-3.
6V
1.71-3.
6V
1.71-3.
6V
1.71-3.
6V
1.71-3.
6V
1.71-3.
6V
1.71-3.
6V
1.71-3.
6V
Flash Write V
1.71V 1.71V 1.71V 1.71V 1.71V 1.71V 1.71V 1.71V 1.71V 1.71V 1.71V 1.71V
Temp Range
-40 to
105C
-40 to
105C
-40 to
105C
-40 to
105C
-40 to
105C
-40 to
105C
-40 to
105C
-40 to
105C
-40 to
105C
-40 to
105C
-40 to
105C
-40 to
105C
4.5 Module-by-module feature list
The following sections describe the high-level module features for the family's superset device. See the previous section for
differences among the subset devices.
Core Modules
4.5.1.1 ARM Cortex M0+ Core
• Up to 48 MHz core frequency from 1.71 V to 3.6 V across temperature range of –40 °C to 105 °C
• Support up to 32 interrupt request sources
• 2-stage pipeline microarchitecture for reduced power consumption and improved architectural performance (cycles per
instruction)
• Binary compatible instruction set architecture with the CM0 core
4.5.1
Core Modules
KL24/KL25 Product Brief, Rev. 2, 6/2012
12
Preliminary
Freescale Semiconductor, Inc.
General Business Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com