Electronic Components Datasheet Search
  English  ▼

X  

KL25PB Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # KL25PB
Description  KL24/KL25 Product Brief
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KL25PB Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button KL25PB Datasheet HTML 12Page - Freescale Semiconductor, Inc KL25PB Datasheet HTML 13Page - Freescale Semiconductor, Inc KL25PB Datasheet HTML 14Page - Freescale Semiconductor, Inc KL25PB Datasheet HTML 15Page - Freescale Semiconductor, Inc KL25PB Datasheet HTML 16Page - Freescale Semiconductor, Inc KL25PB Datasheet HTML 17Page - Freescale Semiconductor, Inc KL25PB Datasheet HTML 18Page - Freescale Semiconductor, Inc KL25PB Datasheet HTML 19Page - Freescale Semiconductor, Inc KL25PB Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
• 32-bit counter resolution
• Clocked by bus clock frequency
• DMA support
4.5.5.3 Real-Time Clock (RTC)
• 32-bit seconds counter with 32-bit alarm
• 16-bit prescaler with compensation
• Register write protection
• Hard Lock requires MCU POR to enable write access
• Soft lock requires system reset to enable write/read access
Communication Interfaces
4.5.6.1 Inter-Integrated Circuit (I2C)
• Compatible with I2C bus standard and SMBus Specification Version 2 features
• Up to 100 kbps with maximum bus loading
• Multi-master operation
• Software programmable for one of 64 different serial clock frequencies
• Programmable slave address and glitch input filter
• Interrupt or DMA driven byte-by-byte data transfer
• Arbitration lost interrupt with automatic mode switching from master to slave
• Calling address identification interrupt
• Bus busy detection broadcast and 10-bit address extension
• Address matching causes wake-up when processor is in low power mode
4.5.6.2 USB On-The-Go Module (FS/LS)
• Complies with USB specification rev 2.0
• USB host mode
• Supports enhanced-host-controller interface (EHCI)
• Allows direct connection of FS/LS devices without an OHCI/UHCI companion controller
• Supported by Linux and other commercially available operating systems
• USB device mode
• Full-speed operation via the on-chip transceiver
• Supports one upstream facing port
• Supports four programmable, bidirectional USB endpoints, including endpoint 0
• Suspend mode/low power
• As host, firmware can suspend individual devices or the entire USB and disable chip clocks for low-power
operation
• Device supports low-power suspend
• Remote wake-up supported for host and device
• Integrated with the processor’s low power modes
• Includes an on-chip full-speed (12 Mbps) and low-speed (1.5 Mbps) transceiver
4.5.6.3 USB Voltage Regulator
• 5 V regulator input typically provided by USB VBUS power
• 3.3V regulated output powers on-chip USB transceiver
• Output pin from regulator can be used to power external board components and source up to 120mA
• Eliminates cost of external LDO
• 3.3V regulated output can power MCU main power supply
4.5.6
Communication Interfaces
KL24/KL25 Product Brief, Rev. 2, 6/2012
16
Preliminary
Freescale Semiconductor, Inc.
General Business Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com