Electronic Components Datasheet Search
  English  ▼

X  

06181237 Datasheet(PDF) 64 Page - Tyco Electronics

Part # 06181237
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

06181237 Datasheet(HTML) 64 Page - Tyco Electronics

Back Button 06181237 Datasheet HTML 60Page - Tyco Electronics 06181237 Datasheet HTML 61Page - Tyco Electronics 06181237 Datasheet HTML 62Page - Tyco Electronics 06181237 Datasheet HTML 63Page - Tyco Electronics 06181237 Datasheet HTML 64Page - Tyco Electronics 06181237 Datasheet HTML 65Page - Tyco Electronics 06181237 Datasheet HTML 66Page - Tyco Electronics 06181237 Datasheet HTML 67Page - Tyco Electronics 06181237 Datasheet HTML 68Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 85 page
background image
Self-Laminating Label Dimensions
64
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Self-Laminating Label Dimensions
12.7mm
J-TW10
J-PV10
SB050143WE10
PVF050143WE10
N-TW10
N-PV10
SP050100WE10
SB050100WE10
PVF050100WE10
25.4mm
19.1mm
Print
area
12.7mm
20.3mm
25.4mm
50.8mm
12.7mm
Print
area
12.7mm
Print
area
12.7mm
Print
area
12.7mm
Print
area
50.8mm
19.1mm
Print
area
25.4mm
25.4mm
Print
area
48.3mm
19.1mm
Print
area
19.1mm
12.7mm
Print
area
9.5mm
Print
area
12.7mm
8.5mm
Print
area
SP100225WE5
SB100225WE5
PVF100225WE5
R-TW5
R-PV5
SP200225WE2.5
SB200225WE2.5
PVF200225WE2.5
S-TW2.5
S-PV2.5
SP100375WE2.5
SB100375WE2.5
PVF100375WE2.5
T-TW2.5
T-PV2.5
SB190319WE2.5
PVF190319WE2.5
C1-TW2.5
C1-PV2.5
A-TW10
A-PV10
20.3mm
12.7mm
Print
area
SP080150WE10
SB080150WE10
PVF080150WE10
Q-TW10
Q-PV10
25.4mm
38.1mm
Print
area
SP100594-WE1
SB100594WE1
PVF100594WE1
W1-TW1
W1-PV1
SP100143WE5
SB100143WE5
PVF100143WE5
O-TW10
O-PV10
SB200143WE2.5
PVF200143WE2.5
P-TW5
P-PV5
19.1mm
9.5mm
Print
area
SP075094WE10
Note: Drawing is not to scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com