Electronic Components Datasheet Search
  English  ▼

X  

06181237 Datasheet(PDF) 52 Page - Tyco Electronics

Part # 06181237
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

06181237 Datasheet(HTML) 52 Page - Tyco Electronics

Back Button 06181237 Datasheet HTML 48Page - Tyco Electronics 06181237 Datasheet HTML 49Page - Tyco Electronics 06181237 Datasheet HTML 50Page - Tyco Electronics 06181237 Datasheet HTML 51Page - Tyco Electronics 06181237 Datasheet HTML 52Page - Tyco Electronics 06181237 Datasheet HTML 53Page - Tyco Electronics 06181237 Datasheet HTML 54Page - Tyco Electronics 06181237 Datasheet HTML 55Page - Tyco Electronics 06181237 Datasheet HTML 56Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 85 page
background image
PVF Polyvinyl fluoride thermal transfer printable self-laminating labels
52
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Self-Laminating Labels
PVF 080 150 WE 10
Part numbering system
Pack size
Color
Label height (inches)
Label width
Product family
Tyco Electronics PVF is a thermal transfer printable, translucent
polyvinyl fluoride (Tedlar®) film with a permanent acrylic adhesive,
designed for wire and cable marking applications that require the
‘self-extinguishing’ properties of Tedlar®. PVF labels are supplied
with a white printable area, which is over-laminated upon
application with the translucent portion of the label. This
‘self-laminating’ feature protects the printed area from exposure to
oil, solvents, water and abrasion. The low-profile design makes PVF
suitable for wrapping onto thin wire gauges. For reliable print
performance and durability use with Tyco Electronics 1330-3300
series ribbon.
Features and benefits
I Resists water, oils, and conventional cleaning agents
I Filters UV light
I Exhibits high degree of resistance to aging
I Thermal transfer printable
Temperature rating
Operating temperature range
–53°C to +135°C
–65°F to +275°F
Specifications/approvals
Tyco Electronics
TTDS-111
Printer information
Tyco Electronics printer
T308S* (thermal transfer)
Tyco Electronics ribbon
1330-3300-10* (thermal transfer)
*Alternative printers and ribbons are available
for special applications. Contact Tyco
Electronics Identification for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com