Electronic Components Datasheet Search
  English  ▼

X  

06181237 Datasheet(PDF) 16 Page - Tyco Electronics

Part # 06181237
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

06181237 Datasheet(HTML) 16 Page - Tyco Electronics

Back Button 06181237 Datasheet HTML 12Page - Tyco Electronics 06181237 Datasheet HTML 13Page - Tyco Electronics 06181237 Datasheet HTML 14Page - Tyco Electronics 06181237 Datasheet HTML 15Page - Tyco Electronics 06181237 Datasheet HTML 16Page - Tyco Electronics 06181237 Datasheet HTML 17Page - Tyco Electronics 06181237 Datasheet HTML 18Page - Tyco Electronics 06181237 Datasheet HTML 19Page - Tyco Electronics 06181237 Datasheet HTML 20Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 85 page
background image
RPS Commercial grade heat-shrinkable wire identification sleeves
16
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Heat-Shrink/Cable Markers
RPS-1K-22-18/2.0-S1-9
Part numbering system
Color
Scoring (optional)
Sleeve length (inches)
US wire gauge size
Pack size
Product family
RPS markers are heat shrinkable marking sleeves for wire and
cable identification. When RPS is printed with Tyco Electronics
recommended printers and ink ribbons, the marks remain legible,
without any post printing process, even when exposed to
abrasion, aggressive cleaning solvents, and industrial fluids.
RPS markers are designed to meet the wire identification needs of
commercial and industrial customers.
Features and benefits
I Permanent identification sleeves
I Computer printable
I Excellent print performance
I Configured for ease of kitting
I Good chemical and solvent resistance
I 3:1 shrink ratio
I CSA Certified, UL Recognized
Temperature rating
Operating temperature range
–30°C to +105°C
–22°F to +221°F
Minimum recovery temperature
+85°C
+185°F
Maximum storage temperature
+40°C
+104°F
Specifications/approvals
Tyco Electronics
RW 2510
TTDS-019
Military
SAE AS81531 4.6.2
MIL-STD-202 Method 215J
Industry
UL Recognized – standard 224,
file E35586
CSA Certified – file 31929
Printer information
Tyco Electronics printer
AM6310 (dot matrix)
T208M (thermal transfer – low volume)
T312M (thermal transfer)
Tyco Electronics ribbon
1892BK04-RIBBON (dot matrix)
TMS-101-RIBBON-4RPSCE (thermal transfer
for T208M)
TMS-RJS-RIBBON-4RPSCE (thermal transfer
for T312M)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com