Electronic Components Datasheet Search
  English  ▼

X  

06181237 Datasheet(PDF) 19 Page - Tyco Electronics

Part # 06181237
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

06181237 Datasheet(HTML) 19 Page - Tyco Electronics

Back Button 06181237 Datasheet HTML 15Page - Tyco Electronics 06181237 Datasheet HTML 16Page - Tyco Electronics 06181237 Datasheet HTML 17Page - Tyco Electronics 06181237 Datasheet HTML 18Page - Tyco Electronics 06181237 Datasheet HTML 19Page - Tyco Electronics 06181237 Datasheet HTML 20Page - Tyco Electronics 06181237 Datasheet HTML 21Page - Tyco Electronics 06181237 Datasheet HTML 22Page - Tyco Electronics 06181237 Datasheet HTML 23Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 85 page
background image
TMS-CCUV Heat-shrinkable UV protection sleeves
19
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Heat-Shrink/Cable Markers
Available sizes and formats
(For use with heat shrink sleeves)
Inside
Recovered
Wire
Sleeve size
Ordering
Sleeve
diameter
diameter
size
expanded diameter
description
length
minimum
maximum
diameter
TMS-SCE
RPS
mm
mm
inches
mm
inches
mm
inches
mm
inches US Wire gauge
TMS-CCUV-SLEEVE-1-X-65mm 65
3.20
0.125
1.60
0.063
1.80-2.80
0.071-0.110
2.40
0.094
N/A
TMS-CCUV-SLEEVE-1-X-65mm 65
3.20
0.125
1.60
0.063
1.80-2.80
0.071-0.110
3.20
0.125
22-18
TMS-CCUV-SLEEVE-2-X-65mm 65
4.80
0.187
2.40
0.094
2.60-3.70
0.102-0.146
4.80
0.188
18-12
TMS-CCUV-SLEEVE-2-X-65mm 65
4.80
0.187
2.40
0.094
2.60-3.70
0.102-0.146
6.40
0.250
16-10
TMS-CCUV-SLEEVE-3-X-65mm 65
6.40
0.250
3.20
0.126
3.50-5.10
0.138-0.201
9.50
0.375
8-4
TMS-CCUV-SLEEVE-4-X-65mm 65
9.50
0.375
4.80
0.189
5.00-7.00
0.197-0.275
12.70
0.500
10-2
TMS-CCUV-SLEEVE-5-X-65mm 65
12.70
0.500
6.40
0.252
6.90-10.60
0.272-0.417
19.00
0.750
6-250
TMS-CCUV-SLEEVE-6-X-65mm 65
19.00
0.750
9.50
0.374
10.00-14.00
0.394-0.551
25.40
1.000
1-400
TMS-CCUV-SLEEVE-7-X-65mm 65
25.40
1.000
12.70
0.500
13.30-21.00
0.524-0.827
25.40
1.000
1-400
TMS-CCUV-SLEEVE-8-X-65mm 65
38.10
1.500
19.00
0.748
21.00-33.80
0.827-1.331
38.10
1.500
400-1000
Some sleeve sizes may need to be recovered partially before CCUV sleeve is applied to protect them.
(For use with cable markers to secure / protect without cable ties)
Inside
Recovered
Wire
Marker
Ordering
Sleeve
diameter
diameter
size
height
description
length
minimum
maximum
diameter
mm
inches
mm
inches
mm
inches
mm
inches
TMS-CCUV-SLEEVE-4-X-65mm
65
9.50
0.375
4.80
0.189
5.00-8.00
0.197-0.315
6.40
0.250
TMS-CCUV-SLEEVE-5-X-65mm
65
12.70
0.500
6.40
0.252
7.00-11.00
0.275-0.433
6.40
0.250
TMS-CCUV-SLEEVE-6-X-65mm
65
19.00
0.750
9.50
0.374
12.00-17.00
0.472-0.669
12.70
0.500
TMS-CCUV-SLEEVE-7-X-65mm
65
25.40
1.000
12.70
0.500
15.00-23.00
0.590-0.905
12.70
0.500
(For use with cable markers to protect with cable ties)
Inside
Recovered
Wire
Marker
Ordering
Sleeve
diameter
diameter
size
height
description
length
minimum
maximum
diameter
mm
mm
inches
mm
inches
mm
inches
mm
inches
TMS-CCUV-SLEEVE-9-X-32mm
32
6.40
0.250
3.20
0.126
N/A
6.40
0.250
TMS-CCUV-SLEEVE-10-X-32mm
32
12.70
0.500
6.40
0.252
N/A
12.70
0.500
(For use with NBC-SCE sleeves and adhesives sealing*)
Inside
Recovered
Wire size
Sleeve size
Ordering
Sleeve
diameter
diameter
diameter
expanded diameter
description
length
minimum
maximum
NBC-SCE
NBC-SCE
mm
mm
inches
mm
inches
mm
inches
mm
inches
TMS-CCUV-SLEEVE-15
76
3.20
0.125
1.60
0.063
1.80-2.80
0.071-0.110
3.20
0.125
TMS-CCUV-SLEEVE-16
76
4.80
0.187
2.40
0.094
2.60-3.70
0.102-0.146
4.80
0.188
TMS-CCUV-SLEEVE-17
76
6.40
0.250
3.20
0.126
3.50-5.10
0.138-0.201
6.40
0.250
TMS-CCUV-SLEEVE-18
76
9.50
0.375
4.80
0.189
5.00-7.00
0.197-0.275
9.50
0.375
TMS-CCUV-SLEEVE-19
76
12.70
0.500
6.40
0.252
6.90-10.60
0.272-0.417
12.70
0.500
TMS-CCUV-SLEEVE-20
76
19.00
0.750
9.50
0.374
10.00-14.00
0.394-0.551
19.00
0.750
TMS-CCUV-SLEEVE-21
76
25.40
1.000
12.70
0.500
13.30-21.00
0.524-0.827
25.40
1.000
TMS-CCUV-SLEEVE-22
76
38.10
1.500
19.00
0.748
21.00-33.80
0.827-1.331
38.10
1.500
*For use with adhesives such as S-1255-04 and S-1264 please refer to RT1012 and RT1014 for specifications and adhesive details.
Options
Prescoring
Not available — supplied as cut pieces.
Package Sizes
Standard
250 piece bags only
Colors
Standard
Clear only
Ordering information:
Specify product name, loose sleeve, sleeve reference, color and sleeve length.
Ordering example:
For all Heat Shrink sleeves except NBC-SCE
TMS-CCUV-SLEEVE-1-X- 65mm
For NBC-SCE
TMS-CCUV-SLEEVE-22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com