Electronic Components Datasheet Search
  English  ▼

X  

MAX7321 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX7321
Description  I2C Port Expander with Eight Push-Pull Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7321 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX7321 Datasheet HTML 5Page - Maxim Integrated Products MAX7321 Datasheet HTML 6Page - Maxim Integrated Products MAX7321 Datasheet HTML 7Page - Maxim Integrated Products MAX7321 Datasheet HTML 8Page - Maxim Integrated Products MAX7321 Datasheet HTML 9Page - Maxim Integrated Products MAX7321 Datasheet HTML 10Page - Maxim Integrated Products MAX7321 Datasheet HTML 11Page - Maxim Integrated Products MAX7321 Datasheet HTML 12Page - Maxim Integrated Products MAX7321 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Acknowledge
The acknowledge bit is a clocked 9th bit the recipient
uses to acknowledge receipt of each byte of data
(Figure 4). Each byte transferred effectively requires 9
bits. The master generates the ninth clock pulse, and
the recipient pulls down SDA during the acknowledge
clock pulse, such that the SDA line is stable low during
the high period of the clock pulse. When the master is
transmitting to the MAX7320, the device generates the
acknowledge bit because the MAX7320 is the recipi-
ent. When the MAX7320 is transmitting to the master,
the master generates the acknowledge bit because the
master is the recipient.
Slave Address
The MAX7320 has a 7-bit slave address (Figure 5). The
8th bit following the 7-bit slave address is the R/W bit. It is
low for a write command, and high for a read command.
The 1st (A6), 2nd (A5), and 3rd (A4) bits of the
MAX7320 slave address are always 1, 0, and 1.
Connect AD0 and AD2 to GND, V+, SDA, or SCL to
select the slave address bits A3, A2, A1, and A0. The
MAX7320 has 16 possible slave addresses (Table 3),
allowing up to 16 MAX7320 devices on an I2C bus.
Note the MAX7320 offers a different range of I2C slave
addresses from the MAX7319, MAX7321, MAX7322 and
MAX7323, for which 1st (A6), 2nd (A5), and 3rd (A4)
bits of the slave address are always 1, 1, and 0.
Accessing the MAX7320
A single-byte read from the MAX7320 returns the sta-
tus of the eight output ports, read back as inputs.
A 2-byte read repeatedly returns the status of the eight
output ports, read back as inputs.
A multibyte read (more than 2 bytes before the I2C
STOP bit) repeatedly returns the status of the eight out-
put ports, read back as inputs.
A single-byte write to the MAX7320 sets the logic state
of all eight outputs.
A multibyte write to the MAX7320 repeatedly sets the
logic state of all eight outputs.
Reading from the MAX7320
A read from the MAX7320 starts with the master trans-
mitting the MAX7320’s slave address with the R/W bit
set high. The MAX7320 acknowledges the slave
address, and samples the logic state of the output
ports during the acknowledge bit. The master can read
one or more bytes from the MAX7320 and then issue a
STOP condition (Figure 6). The MAX7320 transmits the
current port data, read back from the actual port out-
puts (not the port output latches) during the acknowl-
edge. If a port is forced to a logic state other than its
programmed state, the read back reflects this. If driving
a capacitive load, readback port level verification algo-
rithms may need to take the RC rise/fall time into
account.
Typically, the master reads one byte from the MAX7320,
then issues a STOP condition (Figure 6). However, the
master can read 2 or more bytes from the MAX7320,
then issue a STOP condition. In this case, the MAX7320
resamples the port outputs during each acknowledge
and transmits the new data each time.
Writing to the MAX7320
A write to the MAX7320 starts with the master transmit-
ting the MAX7320’s slave address with the R/W bit set
low. The MAX7320 acknowledges the slave address
and samples the ports during the acknowledge bit. The
master can transmit one or more bytes of data. The
MAX7320 acknowledges each subsequent byte of data
and updates the output ports until the master issues a
STOP condition (Figure 7).
I2C Port Expander with Eight Push-Pull Outputs
_______________________________________________________________________________________
9
SDA
SCL
DATA LINE STABLE;
DATA VALID
CHANGE OF DATA
ALLOWED
Figure 3. Bit Transfer
SCL
SDA BY
TRANSMITTER
CLOCK PULSE
FOR ACKNOWLEDGMENT
START
CONDITION
SDA BY
RECEIVER
12
89
S
Figure 4. Acknowledge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com