Electronic Components Datasheet Search
  English  ▼

X  

MAX7321 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX7321
Description  I2C Port Expander with Eight Push-Pull Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7321 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX7321 Datasheet HTML 1Page - Maxim Integrated Products MAX7321 Datasheet HTML 2Page - Maxim Integrated Products MAX7321 Datasheet HTML 3Page - Maxim Integrated Products MAX7321 Datasheet HTML 4Page - Maxim Integrated Products MAX7321 Datasheet HTML 5Page - Maxim Integrated Products MAX7321 Datasheet HTML 6Page - Maxim Integrated Products MAX7321 Datasheet HTML 7Page - Maxim Integrated Products MAX7321 Datasheet HTML 8Page - Maxim Integrated Products MAX7321 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Detailed Description
MAX7319–MAX7329 Family Comparison
The MAX7319–MAX7323 family consists of five pin-
compatible, eight-port expanders. Each version is opti-
mized for different applications. The MAX7328 and
MAX7329 are second sources to the PCF8574 and
PCF8574A.
The MAX7324–MAX7327 family consists of four pin-
compatible, 16-port expanders that integrate the func-
tions of the MAX7320 and one of either the MAX7319,
MAX7321, MAX7322, or MAX7323.
Functional Overview
The MAX7320 is a general-purpose port expander
operating from a +1.71V to +5.5V supply that provides
eight push-pull output ports. The MAX7320 is rated to
sink a total of 100mA and source a total of 50mA from
all eight combined outputs.
The MAX7320 is set to one of 16 I2C slave addresses
(0x50 to 0x5F) using address select inputs AD0 and AD2,
and is accessed over an I2C serial interface up to
400kHz. Note the MAX7320 offers a different range of I2C
slave addresses than the MAX7319, MAX7321,
MAX7322, and MAX7323 (these expanders use the
address range 0x60 to 0x6F).
I2C Port Expander with Eight Push-Pull Outputs
_______________________________________________________________________________________
5
PART
I2C
SLAVE
ADDRESS
INPUTS
INPUT
INTERRUPT
MASK
OPEN-
DRAIN
OUTPUTS
PUSH-
PULL
OUTPUTS
APPLICATION
8-PORT EXPANDERS
MAX7319
110xxxx
8
Yes
—
—
Input-only versions:
Eight input ports with programmable latching
transition detection interrupt and selectable pullups.
Offers maximum versatility for automatic input
monitoring. An interrupt mask selects which inputs
cause an interrupt on transitions, and transition flags
identify which inputs have changed (even
momentarily) since the ports were last read.
MAX7320
101xxxx
—
—
—
8
Output-only versions:
Eight push-pull outputs with selectable power-up
default states.
Push-pull outputs offer faster rise time than open-
drain outputs, and require no pullup resistors.
MAX7321
110xxxx
Up to 8
—
Up to 8
—
I/O versions:
Eight open-drain I/O ports with latching transition
detection interrupt and selectable pullups.
Open-drain outputs can level shift the logic-high
state to a higher or lower voltage than V+ using
external pullup resistors. Any port can be used as an
input by setting the open-drain output to logic-high.
Transition flags identify which inputs have changed
(even momentarily) since the ports were last read.
MAX7322
110xxxx
4
Yes
—
4
Four input-only, four output-only versions:
Four input ports with programmable latching
transition detection interrupt and selectable pullups.
Four push-pull outputs with selectable power-up
default levels.
Table 1. MAX7319–MAX7329 Family Comparison



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com