Electronic Components Datasheet Search
  English  ▼

X  

MAX7321 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX7321
Description  I2C Port Expander with Eight Push-Pull Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7321 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX7321 Datasheet HTML 1Page - Maxim Integrated Products MAX7321 Datasheet HTML 2Page - Maxim Integrated Products MAX7321 Datasheet HTML 3Page - Maxim Integrated Products MAX7321 Datasheet HTML 4Page - Maxim Integrated Products MAX7321 Datasheet HTML 5Page - Maxim Integrated Products MAX7321 Datasheet HTML 6Page - Maxim Integrated Products MAX7321 Datasheet HTML 7Page - Maxim Integrated Products MAX7321 Datasheet HTML 8Page - Maxim Integrated Products MAX7321 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
I2C Port Expander with Eight Push-Pull Outputs
_______________________________________________________________________________________
3
PORT AND TIMING CHARACTERISTICS
(V+ = +1.71V to +5.5V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at V+ = +3.3V, TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Port Output Data Valid
tPPV
CL
≤ 100pF
4
µs
TIMING CHARACTERISTICS
(V+ = +1.71V to +5.5V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at V+ = +3.3V, TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Serial Clock Frequency
fSCL
400
kHz
Bus Free Time Between a STOP
and a START Condition
tBUF
1.3
µs
Hold Time (Repeated) START
Condition
tHD, STA
0.6
µs
Repeated START Condition
Setup Time
tSU, STA
0.6
µs
STOP Condition Setup Time
tSU, STO
0.6
µs
Data Hold Time
tHD, DAT
(Note 3)
0.9
µs
Data Setup Time
tSU, DAT
100
ns
SCL Low to Data Out Valid
tVD, DAT
SCL low to SDA output valid
3.4
µs
SCL Clock Low Period
tLOW
1.3
µs
SCL Clock High Period
tHIGH
0.7
µs
Rise Time of Both SDA and SCL
Signals, Receiving
tR
(Notes 2, 4)
20 +
0.1Cb
300
ns
Fall Time of Both SDA and SCL
Signals, Receiving
tF
(Notes 2, 4)
20 +
0.1Cb
300
ns
Fall Time of SDA Transmitting
tF,TX
(Notes 2, 4)
20 +
0.1Cb
250
ns
Pulse Width of Spike Suppressed
tSP
(Note 5)
50
ns
Capacitive Load for Each Bus
Line
Cb
(Note 2)
400
pF
RST Pulse Width
tW
500
ns
RST Rising to START Condition
Setup Time
tRST
1µs
Note 1: All parameters tested at TA = +25°C. Specifications over temperature are guaranteed by design.
Note 2: Guaranteed by design.
Note 3: A master device must provide a hold time of at least 300ns for the SDA signal (referred to VIL of the SCL signal) to bridge
the undefined region of SCL’s falling edge.
Note 4: Cb = total capacitance of one bus line in pF. tR and tF measured between 0.3 x V+ and 0.7 x V+, ISINK
≤ 6mA.
Note 5: Input filters on the SDA and SCL inputs suppress noise spikes less than 50ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com