| Electronic Components Datasheet Search |
|
TUSB3410VF Datasheet(PDF) 16 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TUSB3410VF Datasheet(HTML) 16 Page - Texas Instruments |
|
16 / 36 page ![]() Software Installation and Debugging www.ti.com 3.3.1 Basic Code Structure CTS "Capacitive Touch Sensing" library with functions related to the capacitive touch pads. CCS CCS-specific project files CCS_Code_Size_Limited CCS-specific project files for 16kb code size limited version F5xx_F6xx_Core_Lib Core Libraries FatFs Stack for the FAT file system used by SD Card IAR IAR-specific project files MSP-EXP430F5529_HAL Provides an abstraction layer for events like button presses, etc. HAL_AppUart Functions for controlling application UART HAL_Board Experimenter Board port initialization and control HAL_Buttons Driver for the buttons on the Experimenter Board HAL_Cma3000 Functions required to use on-board accelerometer HAL_Dogs102x6 Driver for the DOGS 102x64 display HAL_Menu Used to create the menus for the example software and applications HAL_SDCard Driver for the SD Card module HAL_Wheel Driver for the scroll (thumb) wheel USB USB stack for the Experimenter Board UserExperienceDemo Files related to the example software provided with the board 5xx_ACTIVE_test Runs a RAM test Clock Displays analog and digital clocks. Also provides a function to set time and date. Demo_Cube Displays a auto/manual rotating cube (uses accelerometer) DemoApps Contains the demos for capacitive touch EchoUsb HyperTerminal application LPM Provides options for various low-power modes MassStorage Use microSD as external storage on computer menuGames Play LaunchPad Defender or Simon Puzzle Play Tilt-puzzle Mouse Use the Experimenter Board as a mouse PMM Active low-power modes. Choose V CORE and MCLK settings. PowerTest Test the current consumption of various low-power modes Random Random number generator SDCard Access microSD card contents on the Experimenter 's Board Settings Options to set various parameters like contrast, brightness, etc. UserExperience.c Main MSP-EXP430F5529 Experimenter Board file MSP-EXP430F5529 User Experience Manifest.pdf readme.txt 16 MSP-EXP430F5529 Experimenter Board SLAU330A – May 2011 – Revised June 2011 Submit Documentation Feedback Copyright © 2011, Texas Instruments Incorporated |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |