Electronic Components Datasheet Search
  English  ▼

X  

TUSB3410VF Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410VF
Description  MSP-EXP430F5529 Experimenter Board
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB3410VF Datasheet(HTML) 34 Page - Texas Instruments

Back Button TUSB3410VF Datasheet HTML 28Page - Texas Instruments TUSB3410VF Datasheet HTML 29Page - Texas Instruments TUSB3410VF Datasheet HTML 30Page - Texas Instruments TUSB3410VF Datasheet HTML 31Page - Texas Instruments TUSB3410VF Datasheet HTML 32Page - Texas Instruments TUSB3410VF Datasheet HTML 33Page - Texas Instruments TUSB3410VF Datasheet HTML 34Page - Texas Instruments TUSB3410VF Datasheet HTML 35Page - Texas Instruments TUSB3410VF Datasheet HTML 36Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
Frequently Asked Questions, References, and Schematics
www.ti.com
Table 6. Bill of Materials (continued)
Part
Value
Package Type
Device
R14
100k
0603
R-US_R0603
R15
100K
0603
R-US_R0603
R16
100k
0603
R-US_R0603
R17
47k
0603
R-US_R0603
R18
47k
0603
R-US_R0603
R19
0
0603
R-US_R0603
R20
100k
0603
R-US_R0603
R21
36k 1%
0603
R-US_R0603
R22
27R
0603
R-US_R0603
R23
27R
0603
R-US_R0603
R24
1M
0603
R-US_R0603
R25
1k4
0603
R-US_R0603
R26
100R
0603
R-US_R0603
R27
33k
0603
R-US_R0603
R28
47k
0402
R_SMDR0402
R29
47k
0402
R_SMDR0402
R30
47k
0402
R_SMDR0402
R31
100R
0402
R_SMDR0402
R32
100R
0402
R_SMDR0402
R33
270
0402
R_SMDR0402
R34
DNP
0402
R_SMDR0402
R35
100R
0402
R_SMDR0402
R36
100R
0402
R_SMDR0402
R37
6k8
0402
R_SMDR0402
R38
3k3
0402
R_SMDR0402
R39
10k
0402
R_SMDR0402
R40
15k
0402
R_SMDR0402
R41
33k
0402
R_SMDR0402
R42
1k5
0402
R_SMDR0402
R43
33R
0402
R_SMDR0402
R44
DNP (47k)
0402
R_SMDR0402
R45
DNP (47k)
0402
R_SMDR0402
R46
33R
0402
R_SMDR0402
R47
100k/1%
0402
R_SMDR0402
R48
33k
0402
R_SMDR0402
R49
3k3
0402
R_SMDR0402
R50
100k/1%
0402
R_SMDR0402
R51
3k3
0402
R_SMDR0402
R52
100R
0402
R_SMDR0402
R53
1k5
0402
R_SMDR0402
R54
1k5
0402
R_SMDR0402
RF1
CCxxxx RF EVM HEADER
CCXXXX_20PIN
TFM-110-02-SM-D-A-K
RF2
CCxxxx RF EVM HEADER
CCXXXX_20PIN
TFM-110-02-SM-D-A-K
S1
USER1 PUSHBUTTON
BUTTON
EVQ-11L05R
S2
USER2 PUSHBUTTON
BUTTON
EVQ-11L05R
S3
F5529 RESET PUSHBUTTON
BUTTON
EVQ-11L05R
S4
F5529 USB BSL PUSHBUTTON
BUTTON
EVQ-11L05R
SW1
POWER SELECT SWITCH
DP3T_SWITCH
JS203011CQN
TP1
F5529 VREF+ TEST POINT
TEST_POINT
-
TP2
F5529 VCORE TEST POINT
TEST_POINT
-
TP3
CC430 EM TEST POINT
TEST_POINT
-
34
MSP-EXP430F5529 Experimenter Board
SLAU330A
– May 2011 – Revised June 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com