Electronic Components Datasheet Search
  English  ▼

X  

TUSB3410VF Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410VF
Description  MSP-EXP430F5529 Experimenter Board
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB3410VF Datasheet(HTML) 32 Page - Texas Instruments

Back Button TUSB3410VF Datasheet HTML 28Page - Texas Instruments TUSB3410VF Datasheet HTML 29Page - Texas Instruments TUSB3410VF Datasheet HTML 30Page - Texas Instruments TUSB3410VF Datasheet HTML 31Page - Texas Instruments TUSB3410VF Datasheet HTML 32Page - Texas Instruments TUSB3410VF Datasheet HTML 33Page - Texas Instruments TUSB3410VF Datasheet HTML 34Page - Texas Instruments TUSB3410VF Datasheet HTML 35Page - Texas Instruments TUSB3410VF Datasheet HTML 36Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
Frequently Asked Questions, References, and Schematics
www.ti.com
Table 6. Bill of Materials
Part
Value
Package Type
Device
C1
47pF
0805
C2
12pF
0805
C3
DNP
0603
C4
12pF
0805
C5
10
µF
0805
C6
47pF
0805
C7
100nF
0805
C8
220n
0603
C9
220n
0603
C10
10uF/6,3V
1210
C11
100n
0603
C12
100n
0805
C13
100n
0805
C14
DNP
0603
C15
10uF/6,3V
1210
C16
100n
0805
C17
470n
0805
C18
10
µF
0805
C19
100nF
0805
C20
.1u
0603
C21
.1u
0603
C22
1
µF
0805
C23
1
µF
0805
C24
1
µF
0805
C25
1
µF
0805
C26
1
µF
0805
C27
1
µF
0805
C28
4.7uF
0805
C29
10nF
0805
C30
1
µF
0805
C31
.1u
0603
C32
4.7u
0805
C33
0.1u
0603
C34
4u7
0603
C35
10p
0603
C36
10p
0603
C37
10n
0402
C38
33p
0402
C39
33p
0402
C40
1u/6.3V
0603
C41
100n
0402
C42
1u/6.3V
0603
C43
100n
0402
C44
1u/6.3V
0603
C45
22p
0402
C46
22p
0402
C47
100n
0402
C48
100n
0402
C49
100n
0402
C50
10uF/6,3V
1210
CON1
8PIN_SM_MA_HEADER
HEADER 2x4 MALE .1
" SMD
CON2
8PIN_SM_MA_HEADER
HEADER 2x4 MALE .1
" SMD
32
MSP-EXP430F5529 Experimenter Board
SLAU330A
– May 2011 – Revised June 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com