Electronic Components Datasheet Search
  English  ▼

X  

TUSB3410VF Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410VF
Description  MSP-EXP430F5529 Experimenter Board
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB3410VF Datasheet(HTML) 33 Page - Texas Instruments

Back Button TUSB3410VF Datasheet HTML 28Page - Texas Instruments TUSB3410VF Datasheet HTML 29Page - Texas Instruments TUSB3410VF Datasheet HTML 30Page - Texas Instruments TUSB3410VF Datasheet HTML 31Page - Texas Instruments TUSB3410VF Datasheet HTML 32Page - Texas Instruments TUSB3410VF Datasheet HTML 33Page - Texas Instruments TUSB3410VF Datasheet HTML 34Page - Texas Instruments TUSB3410VF Datasheet HTML 35Page - Texas Instruments TUSB3410VF Datasheet HTML 36Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
www.ti.com
Frequently Asked Questions, References, and Schematics
Table 6. Bill of Materials (continued)
Part
Value
Package Type
Device
CON3
8PIN_SM_MA_HEADER
HEADER 2x4 MALE .1
" SMD
D1
LLSD103A-7
Mini MELF
D2
1N4148 Micro MELF
SOD110-R
J1
103308-2
14-Pin Male JTAG Connector
JP2
POT_JMP
HEADER 1x2 MALE .1
" TH
JP1E\SMALL_PIN
JP3
LED_JMP
HEADER 1x2 MALE .1
" TH
JP1E\SMALL_PIN
J4
HEADER - F5529 PIN ACCESS
HEADER 2x7 MALE .1
" TH
J5
HEADER - F5529 PIN ACCESS
HEADER 2x7 MALE .1
" TH
JP6
430_PWR
HEADER 1x2 MALE .1
" TH
JP1E
JP7
SYS_PWR
HEADER 1x2 MALE .1
" TH
JP1E
JP8
LDO_PWR_SEL
HEADER 1x3 MALE .1
" TH
PINHD-1X3/SMALL_PIN
J9
22-03-5035
MOLEX 3-PIN MALE HEADER
22-03-5035
J10
HEADER - PWR
HEADER 1x3 MALE .1
" TH
PINHD-1X3
JP11
JTAG_PWR_SEN
HEADER 1x3 MALE .1
" TH
PINHD-1X3/SMALL_PIN
J12
eZ-RF1 HEADER - RF2500
HEADER 2x9 MALE .1
" TH
J13
6-Pin Male eZ430 Connector
6-Pin Male eZ430 Connector
SL127L6TH
JP14
RF_PWR
HEADER 1x2 MALE .1
" TH
JP1E
JP15
USB_PWR
HEADER 1x2 MALE .1
" TH
JP1E
JP16
eZ430-FET_JMP
HEADER 2x5 MALE .1
" TH
JP5Q
J17
6-Pin Male eZ430 Connector
6-Pin Male eZ430 Connector
SL127L6TH
LED1
LEDCHIPLED_0603
0603
LEDCHIPLED_0603
LED2
LEDCHIPLED_0603
0603
LEDCHIPLED_0603
LED3
LEDCHIPLED_0603
0603
LEDCHIPLED_0603
LED4
OSRAM TOPLED Santana Blue LED
0805 (Surface Mount Bottom)
OSRAM TOPLED Santana Blue LED
LED5
OSRAM TOPLED Santana Blue LED
0805 (Surface Mount Bottom)
OSRAM TOPLED Santana Blue LED
LED6
OSRAM TOPLED Santana Blue LED
0805 (Surface Mount Bottom)
OSRAM TOPLED Santana Blue LED
LED7
OSRAM TOPLED Santana Blue LED
0805 (Surface Mount Bottom)
OSRAM TOPLED Santana Blue LED
LED8
OSRAM TOPLED Santana Blue LED
0805 (Surface Mount Bottom)
OSRAM TOPLED Santana Blue LED
LED9
LEDCHIPLED_0603
0603
LED_0603D0603
PAD1
CAP_TOUCH_PAD
CAP_TOUCH_PAD
PROJECT7264_CC430_PAD
PAD2
CAP_TOUCH_PAD
CAP_TOUCH_PAD
PROJECT7264_CC430_PAD
PAD3
CAP_TOUCH_PAD
CAP_TOUCH_PAD
PROJECT7264_CC430_PAD
PAD4
CAP_TOUCH_PAD
CAP_TOUCH_PAD
PROJECT7264_CC430_PAD
PAD5
CAP_TOUCH_PAD
CAP_TOUCH_PAD
PROJECT7264_CC430_PAD
POT1
EVL-HFKA05B54
POT
EVL-HFKA05B54
Q1
MS3V-T1R 32.768kHz CL
Clock Crystal 32kHz
F20XX_PIR_DEMO_
&_EVAL_CM200T
Q2
SMD Oscillator 4MHz
SMD Oscillator 4MHz
QUARZ_HC49_4P-1
Q3
SMD Oscillator 12MHz
SMD Oscillator 12MHz
XTL_FT7AFT10A
R1
47k
0603
R-US_R0603
R2
0R
0603
R-US_R0603
R3
470R
0603
R-US_R0603
R4
470R
0603
R-US_R0603
R5
470R
0603
R-US_R0603
R6
47k
0603
R-US_R0603
R7
680
0805
RES0805
R8
680
0805
RES0805
R9
680
0805
RES0805
R10
680
0805
RES0805
R11
680
0805
RES0805
R12
100K
0603
R-US_R0603
R13
100k
0603
R-US_R0603
33
SLAU330A
– May 2011 – Revised June 2011
MSP-EXP430F5529 Experimenter Board
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com