Electronic Components Datasheet Search
  English  ▼

X  

XCL208 Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XCL208
Description  400mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL208 Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XCL208 Datasheet HTML 3Page - Torex Semiconductor XCL208 Datasheet HTML 4Page - Torex Semiconductor XCL208 Datasheet HTML 5Page - Torex Semiconductor XCL208 Datasheet HTML 6Page - Torex Semiconductor XCL208 Datasheet HTML 7Page - Torex Semiconductor XCL208 Datasheet HTML 8Page - Torex Semiconductor XCL208 Datasheet HTML 9Page - Torex Semiconductor XCL208 Datasheet HTML 10Page - Torex Semiconductor XCL208 Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7/22
XCL208/XCL209
Series
■ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
CIRCUIT
FB Voltage
VFB
VIN=VCE=5.0V, VFB voltage which Decrease
VFB from 0.9V, Lx becomes “L”
(*10) level
0.784
0.800
0.816
V
③
Operating Voltage Range
VIN
1.8
-
6.0
V
①
Maximum Output Current
IOUTMAX
VIN=3.2V, VCE=1.0V,
When connected to external components
(*8)
400
-
-
mA
①
UVLO Voltage
VUVLO
VCE=VIN, VFB=0.4V,
Voltage which Lx pin holding “L” level
(*1), (*10)
1.00
1.40
1.78
V
③
Supply Current (XCL208)
-
46
65
Supply Current (XCL209)
IDD
VIN=VCE= 5.0V, VFB=0.88V
-
21
35
μ
A
②
Stand-by Current
ISTB
VIN=5.0V, VCE=0V, VFB=0.88V
-
0
1.0
μ
A
③
Oscillation Frequency
fOSC
When connected to external components,
VIN=3.2V, VCE=1.0V, IOUT=100mA
2.55
3.00
3.45
MHz
①
PFM Switching Current
(*11)
IPFM
When connected to external components,
VIN=3.2V, VCE= VIN, IOUT=1mA
<E-4>
<E-5>
<E-6>
mA
⑩
PFM Duty Limit
(*11)
DTYLIMIT_PFM
VIN=VCE=2.2V, IOUT=1mA
-
200
300
%
①
Maximum Duty Cycle
MAXDTY
VIN=VCE=5.0V, VFB=0.72V
100
-
-
%
③
Minimum Duty Cycle
MINDTY
VIN=VCE=5.0V, VFB=0.88V
-
-
0
%
③
Efficiency
(*2)
EFFI
When connected to external components,
VCE=VIN=2.4V, IOUT=100mA
-
<E-7>
-
%
①
LX SW "H" ON Resistance 1
RLxH1
VIN=VCE=5.0V, VFB=0.72V, ILX=100mA
(*3)
-
0.35
0.55
Ω
④
LX SW "H" ON Resistance 2
RLxH2
VIN=VCE=3.6V, VFB=0.72V, ILX=100mA
(*3)
-
0.42
0.67
Ω
④
LX SW "L" ON Resistance 1
RLxL1
VIN=VCE=5.0V
(*4)
-
0.45
0.65
Ω
-
LX SW "L" ON Resistance 2
RLxL2
VIN=VCE=3.6V
(*4)
-
0.52
0.77
Ω
-
LX SW "H" Leakage Current
(*5)
ILeakH
VIN=VFB=5.0V, VCE=0V, VLX=0V
-
0.01
1.00
μ
A
⑨
PFM Duty Limit
(*9)
ILIM
VIN=VCE=5.0V, VFB=0.72V
(*7)
600
800
1000
m
A
⑥
Output Voltage Temperature
Characteristics
ΔVOUT/
(VOUT・ΔTopr)
IOUT=30mA, -40℃≦Topr≦85℃,
-
±100
-
ppm/℃
①
CE "H" Voltage
VCEH
VFB=0.72V, Applied voltage to VCE,
Voltage changes LX to “L” level
(*10)
0.65
-
VIN
V
③
CE "L" Voltage
VCEL
VFB=0.72V, Applied voltage to VCE,
Voltage changes LX to “L” level
(*10)
VSS
-
0.25
V
③
CE "H" Current
ICEH
VIN=VCE=5.0V, VFB=0.72V
-0.1
-
0.1
μ
A
⑤
CE "L" Current
ICEL
VIN=5.0V, VCE=0V, VFB=0.72V
-0.1
-
0.1
μ
A
⑤
Soft-start Time
tSS
When connected to external components,
VCE=0V→VIN, IOUT=1mA
-
0.25
0.40
ms
①
Latch Time
tLAT
VIN=VCE=5.0V, VFB=0.64V,
Short Lx at 1Ω resistance
(*6)
1
-
20
ms
⑦
Short Protection Threshold Voltage
VSHORT
VIN=VCE=5.0V, VFB voltage which Decrease
VFB from 0.9V, Lx becomes “L”
(*10) level
0.150
0.200
0.250
V
⑦
CL Discharge
RDCHG
VIN=5.0V, LX=5.0V, VCE=0V, VFB=Open
200
300
450
Ω
⑧
Inductance Value
L
Test Frequency=1MHz
-
1.5
-
μ
H
-
Allowed Inductor Current
IDC
ΔT=40℃
-
700
-
mA
-
Ta=25℃
3) XCL208F083DR/XCL209F083DR
Test conditions: Unless otherwise stated, VIN=5.0V, VOUT(T)=Nominal Voltage, and the order of voltage application is
VFB→VIN→VCE
NOTE:
(*1) Including hysteresis operating voltage range.
(*2) EFFI = { ( output voltage×output current ) / ( input voltage×input current) }×100
(*3) ON resistance (Ω)= (VIN - Lx pin measurement voltage) / 100mA
(*4) Design value
(*5) When temperature is high, a current of approximately 10μA (maximum) may leak.
(*6) Time until it short-circuits VOUT with GND via 1Ω of resistor from an operational state and is set to Lx=0V from current limit pulse generating.
(*7) When VIN is less than 2.4V, limit current may not be reached because voltage falls caused by ON resistance.
(*8) When the difference between the input and the output is small, some cycles may be skipped completely before current maximizes.
If current is further pulled from this state, output voltage will decrease because of P-ch driver ON resistance.
(*9) Current limit denotes the level of detection at peak of coil current.
(*10) “H”=VIN~VIN-1.2V, “L”=+0.1V~-0.1V
(*11) IPFM and DTYLIMIT_PFM are defined only for the XCL209 series which have PFM control function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com