Electronic Components Datasheet Search
  English  ▼

X  

XCL208 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XCL208
Description  400mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL208 Datasheet(HTML) 4 Page - Torex Semiconductor

  XCL208 Datasheet HTML 1Page - Torex Semiconductor XCL208 Datasheet HTML 2Page - Torex Semiconductor XCL208 Datasheet HTML 3Page - Torex Semiconductor XCL208 Datasheet HTML 4Page - Torex Semiconductor XCL208 Datasheet HTML 5Page - Torex Semiconductor XCL208 Datasheet HTML 6Page - Torex Semiconductor XCL208 Datasheet HTML 7Page - Torex Semiconductor XCL208 Datasheet HTML 8Page - Torex Semiconductor XCL208 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4/22
XCL208/XCL209 Series
■PIN CONFIGURATION
■PIN ASSIGNMENT
■
FUNCTION
PIN NAME
SIGNAL
CONDITIONS
STATUS
L
AVSS≦VCE≦0.25V
Stand-by
CE
H
0.65V≦VCE≦6V
Active
* When the CE pin is left open, the IC may operate unstable. Please do not leave the CE pin open.
■ABSOLUTE MAXIMUM RATINGS
PIN NUMBER
USP-10B03
PIN NAME
FUNCTIONS
1
PVSS
(Power) Ground
2
LX
Switching Output
3
NC
No Connection
FB
Output Voltage Sense Pin (Type F)
4
VOUT
Fixed Output Voltage Pin (Type A/B)
5
AVSS
(Analog) Ground
6
CE
Active High Enable
7
NC
No Connection
8
VIN
Power Supply Input
9
L1
Inductor Electrodes
10
L2
Inductor Electrodes
Ta=25℃
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
-0.3∼6.5
V
Lx Pin Voltage
VLx
-0.3∼VIN+0.3≦6.5
V
Output Voltage
VOUT
-0.3∼6.5
V
CE Input Voltage
VCE
-0.3∼6.5
V
Lx Pin Current
ILX
±1500
mA
Power Dissipation
(*1)
Pd
500
mW
Operating Ambient Temperature
Topr
-40∼+85
℃
Storage Temperature
Tstg
-40∼+125
℃
(BOTTOM VIEW)
AVSS
VIN
CE
LX
PVSS
VOUT
NC
NC
L1
L2
1
2
3
4
5
6
7
8
9
10
Each voltage rating uses the VSS pin as a reference.
(*1) The value is an example data which is taken with the PCB mounted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com