Electronic Components Datasheet Search
  English  ▼

X  

XCL208 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XCL208
Description  400mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL208 Datasheet(HTML) 3 Page - Torex Semiconductor

  XCL208 Datasheet HTML 1Page - Torex Semiconductor XCL208 Datasheet HTML 2Page - Torex Semiconductor XCL208 Datasheet HTML 3Page - Torex Semiconductor XCL208 Datasheet HTML 4Page - Torex Semiconductor XCL208 Datasheet HTML 5Page - Torex Semiconductor XCL208 Datasheet HTML 6Page - Torex Semiconductor XCL208 Datasheet HTML 7Page - Torex Semiconductor XCL208 Datasheet HTML 8Page - Torex Semiconductor XCL208 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3/22
XCL208/XCL209
Series
■PRODUCT CLASSIFICATION
XCL208①②③④⑤⑥ Fixed PWM
XCL209①②③④⑤⑥ PWM/PFM Auto Switching
(*1) When other output voltages (semi-custom) are needed, please contact your local Torex sales office for more information.
Output voltage range is 0.8~4.0V.
(*2) Halogen free and RoHS compliant.
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
A
VIN≧2.0V Fixed Output Voltage
Standard soft-start , No CL auto discharge
B
VIN≧2.0V Fixed Output Voltage
CL auto discharge, High speed soft-start
①
Type
F
VIN≧1.8V Output Voltage External Setting
CL auto discharge, High speed soft-start
10
1.0V
12
1.2V
15
1.5V
18
1.8V
25
2.5V
28
2.8V
2L
2.85V
30
3.0V
33
3.3V
②③
Output Voltage
(*1)
08
External Setting 0.8V (XCL208F/XCL209F)
④
Oscillation Frequency
3
3.0MHz
⑤⑥ (*2)
Package (Order Unit)
DR
USP-10B03 (3,000/Reel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com