Electronic Components Datasheet Search
  English  ▼

X  

XCL208 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XCL208
Description  400mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL208 Datasheet(HTML) 1 Page - Torex Semiconductor

  XCL208 Datasheet HTML 1Page - Torex Semiconductor XCL208 Datasheet HTML 2Page - Torex Semiconductor XCL208 Datasheet HTML 3Page - Torex Semiconductor XCL208 Datasheet HTML 4Page - Torex Semiconductor XCL208 Datasheet HTML 5Page - Torex Semiconductor XCL208 Datasheet HTML 6Page - Torex Semiconductor XCL208 Datasheet HTML 7Page - Torex Semiconductor XCL208 Datasheet HTML 8Page - Torex Semiconductor XCL208 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1/22
XCL208/XCL209 Series
400mA Inductor Built-in Step-Down “micro DC/DC” Converters
■GENERAL DESCRIPTION
The XCL208/XCL209 series is a synchronous step-down micro DC/DC converter which integrates an inductor and a control IC in
one tiny package (2.5mm×2.15mm, h=1.05mm). A stable power supply with an output current of 400mA is configured using only
two capacitors connected externally.
An internal coil simplifies the circuit and enables minimization of noise and other operational trouble due to the circuit wiring.
A wide operating voltage range of 1.8V (2.0V) to 6.0V enables support for applications that require an alkaline battery (2-cell) or
AC adapter (5V) power supply. An internally fixed output voltage (0.8V to 4.0V) or an externally set output voltage can be selected.
The XCL208/XCL209 series uses synchronous rectification at an operating frequency of 3.0MHz. PWM control (XCL208) or
automatic PWM/PFM switching control (XCL209) can be selected. The XCL208 series has a fixed frequency, enabling the
suppression of output ripple. The XCL209 series achieves high efficiency while holding down output ripple across the full range of
loads, from light to heavy, enabling the extension of battery operation time.
Soft start and on/off functions with CL discharge are provided, and the IC can be put in the standby state by inputting a Low level
signal into the CE pin.
■APPLICATIONS
●
Mobile phones, Smart phones
●
Bluetooth Headsets
●
Tablet PCs
●
PND
●
PC peripheral devices
●
DSC, Camcorders
■
FEATURES
Input Voltage
: 1.8V ~ 6.0V (Type F)
: 2.0V ~ 6.0V (Type A/B)
Fixed Output Voltage
: 0.8V ~ 4.0V (±2.0%)
High Efficiency
: 90% (VIN=4.2V, VOUT=3.3V)
Output Current
: 400mA
Oscillation Frequency
: 3.0MHz (±15%)
CE Function
: Active High
Soft-start Circuit Built-in
CL High Speed Auto Discharge
Protection Circuits
: Current Limiter Built-in
(Constant Current & Latching)
Control Methods
: PWM (XCL208)
PWM/PFM (XCL209)
Operating Ambient Temperature : -40℃∼+85℃
Package
: USP-10B03
Environmentally Friendly
: EU RoHS Compliant, Pb Free
■
TYPICAL APPLICATION CIRCUIT
ETR28003-001a
■ TYPICAL PERFORMANCE
CHARACTERISTICS
●
Efficiency vs. Output Current
XCL208x333DR/XCL209x333D
☆GreenOperation Compatible
0
20
40
60
80
100
0.01
0.1
1
10
100
1000
Output Current:IOUT (mA)
VIN= 4.2V
V
OUT=3.3V
XCL209(PWM/PFM)
XCL208(PWM)
5.0V
XCL208A / XCL208B / XCL209A / XCL209B Type
XCL208F / XCL209F Type


Similar Part No. - XCL208

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCL201 TOREX-XCL201 Datasheet
567Kb / 21P
Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL205 TOREX-XCL205 Datasheet
562Kb / 26P
Inductor Built-in Step-Down micro DC/DC Converters
XCL205 TOREX-XCL205 Datasheet
563Kb / 26P
Inductor Built-in Step-Down micro DC/DC Converters
XCL205 TOREX-XCL205 Datasheet
1Mb / 27P
Inductor Built-in Step-Down “micro DC/DC” Converters
XCL205A083AR-G TOREX-XCL205A083AR-G Datasheet
1Mb / 27P
Inductor Built-in Step-Down “micro DC/DC” Converters
More results

Similar Description - XCL208

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCL201 TOREX-XCL201 Datasheet
567Kb / 21P
Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL213 TOREX-XCL213 Datasheet
556Kb / 16P
1.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL210 TOREX-XCL210 Datasheet
978Kb / 24P
50mA/200mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL219 TOREX-XCL219 Datasheet
1Mb / 20P
1.0A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL220 TOREX-XCL220 Datasheet
1Mb / 20P
1.0A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL221 TOREX-XCL221 Datasheet
1Mb / 20P
0.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL222 TOREX-XCL222 Datasheet
1Mb / 20P
0.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL223 TOREX-XCL223 Datasheet
669Kb / 20P
0.4A/0.7A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL225 TOREX-XCL225 Datasheet
761Kb / 27P
0.5A Inductor Built-in Step-down ?쐌icro DC/DC??Converter
XCL301 TOREX-XCL301 Datasheet
718Kb / 19P
Inductor Built-in Inverting ?쐌icro DC/DC??Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com