Electronic Components Datasheet Search
  English  ▼

X  

74LS224 Datasheet(PDF) 3 Page - Texas Instruments

Part # 74LS224
Description  16 횞 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES WITH 3-STATE OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74LS224 Datasheet(HTML) 3 Page - Texas Instruments

  74LS224 Datasheet HTML 1Page - Texas Instruments 74LS224 Datasheet HTML 2Page - Texas Instruments 74LS224 Datasheet HTML 3Page - Texas Instruments 74LS224 Datasheet HTML 4Page - Texas Instruments 74LS224 Datasheet HTML 5Page - Texas Instruments 74LS224 Datasheet HTML 6Page - Texas Instruments 74LS224 Datasheet HTML 7Page - Texas Instruments 74LS224 Datasheet HTML 8Page - Texas Instruments 74LS224 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SN54LS224A, SN74LS224A
16
× 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
WITH 3-STATE OUTPUTS
SDLS023E – JANUARY 1991 – REVISED APRIL 2003
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
logic diagram (positive logic)
1
9
3
15
4
5
6
7
2
14
13
12
11
10
OE
CLR
LDCK
UNCK
D0
D1
D2
D3
IR
OR
Q0
Q1
Q2
Q3
16
16
16
16
Ring
Counter
CTR
DIV 16
Write
Address
Ring
Counter
CTR
DIV 16
Read
Address
COMP
RAM
16
× 4
+
CT = 1
+
CT = 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
P
Q
1A
2A
C5
1
16
EN
≥1
1A,5D 2A
1
16
S
1D
C1
S
2D
C2
R
3D
C3
R
4D
C4
Q=P+1
P=Q+1
P=Q
EMPTY
Pin numbers shown are for the J and N packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com