Electronic Components Datasheet Search
  English  ▼

X  

74LS224 Datasheet(PDF) 7 Page - Texas Instruments

Part # 74LS224
Description  16 횞 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES WITH 3-STATE OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74LS224 Datasheet(HTML) 7 Page - Texas Instruments

Back Button 74LS224 Datasheet HTML 3Page - Texas Instruments 74LS224 Datasheet HTML 4Page - Texas Instruments 74LS224 Datasheet HTML 5Page - Texas Instruments 74LS224 Datasheet HTML 6Page - Texas Instruments 74LS224 Datasheet HTML 7Page - Texas Instruments 74LS224 Datasheet HTML 8Page - Texas Instruments 74LS224 Datasheet HTML 9Page - Texas Instruments 74LS224 Datasheet HTML 10Page - Texas Instruments 74LS224 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SN54LS224A, SN74LS224A
16
× 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
WITH 3-STATE OUTPUTS
SDLS023E – JANUARY 1991 – REVISED APRIL 2003
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended operating conditions (see Note 4 and Figure 1)
SN54LS224A
SN74LS224A
UNIT
MIN
MAX
MIN
MAX
UNIT
LDCK high
60
60
LDCK low
15
15
tw
Pulse duration
UNCK low
30
30
ns
UNCK high
30
30
CLR low
20
20
Data to LDCK
↓
50
50
tsu
Setup time
LDCK
↓ before UNCK↓
50
50
ns
UNCK
↑ before LDCK↑
50
50
th
Hold time
Data from LDCK
↓
10
10
ns
NOTE 4: To ensure proper operation of this high-speed FIFO device, it is necessary to provide a clean signal to the LDCK and UNCK clock inputs.
Any excessive noise or glitching on the clock inputs that violates the VIL, VIH, or minimum pulse-duration limits can cause a false clock
or improper operation of the internal read and write pointers.
switching characteristics, VCC = 5 V, TA = 25°C (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
LDCK
↓
IR
RL =2kΩ
CL =15 pF
25
40
ns
tPHL
LDCK
↑
IR
RL = 2 kΩ,
CL = 15 pF
36
50
ns
tPLH
LDCK
↓
OR
RL = 2 kΩ,
CL = 15 pF
48
70
ns
tPLH
UNCK
↑
OR
RL =2kΩ
CL =15 pF
29
45
ns
tPHL
UNCK
↓
OR
RL = 2 kΩ,
CL = 15 pF
28
45
ns
tPLH
UNCK
↑
IR
RL = 2 kΩ,
CL = 15 pF
49
70
ns
tPLH
CLR
↓
IR
RL =2kΩ
CL =15 pF
36
55
ns
tPHL
CLR
↓
OR
RL = 2 kΩ,
CL = 15 pF
25
40
ns
tPHL
LDCK
↓
Q
RL = 667 Ω,
CL = 45 pF
34
50
ns
tPLH
UNCK
↑
Q
RL = 667 Ω
CL =45 pF
54
80
ns
tPHL
UNCK
↑
Q
RL = 667 Ω,
CL = 45 pF
45
70
ns
tPZL
OE
↑
Q
RL = 667 Ω
CL =45 pF
22
35
ns
tPZH
OE
↑
Q
RL = 667 Ω,
CL = 45 pF
21
35
ns
tPLZ
OE
↓
Q
RL = 667 Ω
CL =5 pF
16
30
ns
tPHZ
OE
↓
Q
RL = 667 Ω,
CL = 5 pF
18
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com