Electronic Components Datasheet Search
  English  ▼

X  

CXA1910Q Datasheet(PDF) 3 Page - Sony Corporation

Part # CXA1910Q
Description  Dolby B Type Noise Reduction System with Playback Equalizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1910Q Datasheet(HTML) 3 Page - Sony Corporation

  CXA1910Q Datasheet HTML 1Page - Sony Corporation CXA1910Q Datasheet HTML 2Page - Sony Corporation CXA1910Q Datasheet HTML 3Page - Sony Corporation CXA1910Q Datasheet HTML 4Page - Sony Corporation CXA1910Q Datasheet HTML 5Page - Sony Corporation CXA1910Q Datasheet HTML 6Page - Sony Corporation CXA1910Q Datasheet HTML 7Page - Sony Corporation CXA1910Q Datasheet HTML 8Page - Sony Corporation CXA1910Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
—3—
CXA1910Q
Pin Description
(Ta=25°C, VCC=8.0V, no signal)
Pin
Symbol
DC
Z (in)
Equivalent circuit
Description
No.
value
1
PBOUT
2.1V
—
30
32
PBFB
2.1V
300k
Ω
39
33
PBIN
0V
—
34
37
38
2VCC
8.0V
—
10
MSGND
0.0V
—
29
GND
35
PBGND
31
PBTC
—
—
40
36
E IREF
1.25V
—
11
MSOUT
0.0V for
—
signal
detection;
5.0V for
no signal
detection
PBEQ output
PBEQ feedback
PBEQ input
Power supply
Ground
PBEQ capacitance
Reference current setting
resistor pin
MS output
147
42µ
30µ
Vcc
GND
31
40
147
10µ
1.25V
Vcc
GND
36
147
Vcc
GND
20k
VDD=5V
11
Refer to Page 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com