Electronic Components Datasheet Search
  English  ▼

X  

CXA1910Q Datasheet(PDF) 4 Page - Sony Corporation

Part # CXA1910Q
Description  Dolby B Type Noise Reduction System with Playback Equalizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1910Q Datasheet(HTML) 4 Page - Sony Corporation

  CXA1910Q Datasheet HTML 1Page - Sony Corporation CXA1910Q Datasheet HTML 2Page - Sony Corporation CXA1910Q Datasheet HTML 3Page - Sony Corporation CXA1910Q Datasheet HTML 4Page - Sony Corporation CXA1910Q Datasheet HTML 5Page - Sony Corporation CXA1910Q Datasheet HTML 6Page - Sony Corporation CXA1910Q Datasheet HTML 7Page - Sony Corporation CXA1910Q Datasheet HTML 8Page - Sony Corporation CXA1910Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
—4—
CXA1910Q
Pin
Symbol
DC
Z (in)
Equivalent circuit
Description
No.
value
12
MSTC
Approx.
—
1.4V for
signal
detection;
5.0V for
no signal
detection
13
G2(NOR)
4.0V
—
14
G1(FF)
3
TAPEIN
4.0V
40k
28
6
D IREF
1.25V
—
7
LINEOUT
4.0V
—
24
Connection of MS detection
time constant
MS feedback
TAPE input
Connection of reference
current setting resistor for
Dolby block
Line output
147
Vcc
GND
1k
50µ
VDD=5V
12
100k
147
Vcc
GND
100µ
10µ
14
13
147
Vcc
GND
40k
15µ
to VGS
28
3
147
50µ
1.25V
Vcc
GND
8k
6
147
Vcc
GND
200
200
7
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com