Electronic Components Datasheet Search
  English  ▼

X  

CXA1910Q Datasheet(PDF) 7 Page - Sony Corporation

Part # CXA1910Q
Description  Dolby B Type Noise Reduction System with Playback Equalizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1910Q Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXA1910Q Datasheet HTML 3Page - Sony Corporation CXA1910Q Datasheet HTML 4Page - Sony Corporation CXA1910Q Datasheet HTML 5Page - Sony Corporation CXA1910Q Datasheet HTML 6Page - Sony Corporation CXA1910Q Datasheet HTML 7Page - Sony Corporation CXA1910Q Datasheet HTML 8Page - Sony Corporation CXA1910Q Datasheet HTML 9Page - Sony Corporation CXA1910Q Datasheet HTML 10Page - Sony Corporation CXA1910Q Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
—7—
CXA1910Q
Electrical Characteristics
(Ta=25°C, Vcc=8.0V, RL: output load resistance, Rg: head equivalent impedance)
∗120µs, FWD mode, NR OFF, MS OFF unless otherwise specified.
ICC
VTIN
BP1
BP2
BP3
BP4
BP5
THD1
THD2
SN1
VOMAX1
CT3
VOS1
PBREF
F120F
F70F
F120R
VOMAX2
THD5
SN2
VOS2
CT4
CT5
VMS1
VMS2
IOH
VOL
ICRG
VCRG1
VCRG2
VIL
VIH
No signal
LINEOUT= 0 dB 1kHz
TAPE IN 500Hz NR-ON Vlo=–25dB
TAPE IN 2kHz NR-ON Vlo=–25dB
TAPE IN 5kHz NR-ON Vlo=–25dB
TAPE IN 10kHz NR-ON Vlo=–40dB
TAPE IN 10kHz NR-ON Vlo=0dB
TAPE IN –20dBm 1kHz RL=2.7k
Ω
TAPE IN –20dBm 1kHz NR-ON RL=2.7k
Ω
No signal NR-ON CCIR/ARM filter
1kHz THD=1% RL=2.7k
Ω
TAPE IN –24dBm 1kHz
No signal
PB F IN 315Hz –70dBm VPBO=0dB
PB F IN 2.7kHz –58.5dBm for 315Hz
PB F IN 4.5kHz –53.8dBm for 315Hz
PB R IN 315Hz –70dBm for 315Hz
PB F IN 1kHz THD=1% RL=2.7k
Ω
PB F IN 1kHz –52dBm RL=2.7k
Ω
No signal "A" weighting filter
No signal Rg=2.2k
Ω
PB IN 1kHz –42dBm
TAPE IN 5kHz MS-ON G1 (10k
Ω, 0.015µF)
TAPE IN 5kHz MS-ON G2 (1k
Ω, 1.5µF)
TAPE IN 5kHz -30dBm, 1mA applied to MSOUT
AMS ON (G1 mode)
No signal, 3.4V applied to VCT and 1.8V to PBFB
No signal, VCT level when boost charge ON
No signal, VCT level when boost charge OFF
MSMODE, NRMODE, MSSW,
TAPESW, NRSW, DRSW
14.5
17.9
21.5
mA
–32.0
–30.0
–28.0
dBm
1.4
2.9
4.4
5.5
6.4
8.5
3.9
5.2
6.9
dB
9.7
10.4
11.9
–1.1
0.4
1.9
—
0.03
0.2
%
—
0.04
0.2
77.0
82.8
—
dB
13.0
14.4
—
dB
—
–67
–55
3.9
4.0
4.1
V
–27.0
–25.0
–23.0
dBm
–1.5
0.7
1.5
–1.5
0.0
1.5
dB
–1.0
0.0
1.0
–10.0
–3.0
—
dBm
—
0.07
0.5
%
57.0
60.0
—
dB
1.55
1.95
2.35
V
—
–78
–70
dB
—
–75
–65
–43.0
–39.0
–35.0
dBm
–62.5
–58.5
–54.5
—
0.0
1.0
µA
—
0.28
1.0
V
1.0
3.0
—
mA
—
—
3.4
3.6
—
—
V
0.0
—
0.8
2.5
—
Vcc
Current consumption
TAPE IN input sensitivity
Decode boost 1
Decode boost 2
Decode boost 3
Decode boost 4
Decode boost 5
TAPE IN total harmonic distortion 1
TAPE IN total harmonic distortion 2
Decode S/N ratio
Signal handling
Cross talk TAPE 1ch
→2ch
LINEOUT offset voltage
120µs FWD frequency characteristics
120µs FWD frequency characteristics
70µs FWD frequency characteristics
120µs RVS frequency characteristics
Signal handling
Total harmonic distortion
S/N ratio
Output offset voltage
Cross talk between channels
Cross talk between RVS and FWD
Signal detection level 1
Signal detection level 2
MS output leak current
MS output saturation voltage
PBFB boost-charge current
Boost charge ON VCT level
Boost charge OFF VCT level
Logic voltage
Item
Symbol
Measurement conditions
∗
Min.
Typ.
Max.
Unit
(input pin, input level, frequency etc.)
Dolby block (Dolby level -6dBm=0dB)
Playback equalizer amplifier block
Interval detection between tracks (MUSIC SENSOR) block
Boost charge circuit block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com