Electronic Components Datasheet Search
  English  ▼

X  

CXA1910Q Datasheet(PDF) 1 Page - Sony Corporation

Part # CXA1910Q
Description  Dolby B Type Noise Reduction System with Playback Equalizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1910Q Datasheet(HTML) 1 Page - Sony Corporation

  CXA1910Q Datasheet HTML 1Page - Sony Corporation CXA1910Q Datasheet HTML 2Page - Sony Corporation CXA1910Q Datasheet HTML 3Page - Sony Corporation CXA1910Q Datasheet HTML 4Page - Sony Corporation CXA1910Q Datasheet HTML 5Page - Sony Corporation CXA1910Q Datasheet HTML 6Page - Sony Corporation CXA1910Q Datasheet HTML 7Page - Sony Corporation CXA1910Q Datasheet HTML 8Page - Sony Corporation CXA1910Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
—1—
E93Z04-TE
Absolute Maximum Ratings (Ta=25°C)
• Supply voltage
VCC
12
V
• Operating temperature Topr
–40 to +85
°C
• Storage temperature
Tstg
–65 to +150
°C
• Allowable power dissipation
PD
430
mW
Recommended Operating Condition
Supply voltage
VCC
6.5 to 11
V
Description
The CXA1910Q is an IC designed for use in car
stereos. Functions include Dolby B type noise
reduction, playback equalizer amplifier and Music
sensor into a single chip.
Features
• Few external parts
• Forward/Reverse head switching
• Small package (40-pin QFP)
• Dolby B type noise reduction and playback
equalizer into a single chip
• Same pin configuration as Dolby B/C type noise
reduction system (CXA1911)
• Music sense level can be set by external
resistors/capacitors (2 modes).
• High-band cut filter frequency can be adjusted by
the external capacitance.
Applications
• Car stereos
• Stereo cassette deck players (playback only)
Structure
Bipolar silicon monolithic IC
Dolby B Type Noise Reduction System with Playback Equalizer
40 pin QFP (Plastic)
CXA1910Q
∗ These ICs are available only to the licensees of Dolby Laboratories Licensing Corporation from whom licensing and applications
information may be obtained.
∗ "Dolby" and the double D symbols are trade marks of Dolby Laboratories Licensing Corporation.
∗ Sony reserves the right to change products and specifications without prior notice. This information does not convey any license
by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples
illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these
circuits.
For the availability of this product, please contact the sales office.


Similar Part No. - CXA1910Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1911 SONY-CXA1911 Datasheet
334Kb / 18P
Dolby B/C Type Noise Reduction System with Playback Equalizer
CXA1911Q SONY-CXA1911Q Datasheet
334Kb / 18P
Dolby B/C Type Noise Reduction System with Playback Equalizer
CXA1915AN SONY-CXA1915AN Datasheet
108Kb / 8P
I-V Photo IC for MiniDisc
CXA1917AM SONY-CXA1917AM Datasheet
396Kb / 16P
Dolby S type Noise Reduction Processor
CXA1917AS SONY-CXA1917AS Datasheet
396Kb / 16P
Dolby S type Noise Reduction Processor
More results

Similar Description - CXA1910Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1580Q SONY-CXA1580Q Datasheet
351Kb / 17P
Dolby B Type Noise Reduction System with Playback Equalizer
CXA1878Q SONY-CXA1878Q Datasheet
1Mb / 36P
Dolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier
CXA1897Q SONY-CXA1897Q Datasheet
396Kb / 22P
Dolby B Type Noise Reduction System with Recording/Playback Equalizer
CXA1911Q SONY-CXA1911Q Datasheet
334Kb / 18P
Dolby B/C Type Noise Reduction System with Playback Equalizer
CXA2502M SONY-CXA2502M Datasheet
209Kb / 11P
Dolby B-C Type Noise Reduction System for Playback
CXA2510AQ SONY-CXA2510AQ Datasheet
447Kb / 21P
Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA2511AQ SONY-CXA2511AQ Datasheet
565Kb / 21P
Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA2560Q SONY-CXA2560Q Datasheet
310Kb / 19P
Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA2561Q SONY-CXA2561Q Datasheet
324Kb / 20P
Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA1980Q SONY-CXA1980Q Datasheet
233Kb / 17P
Dolby B Type Noise Reduction System with Playback Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com