Electronic Components Datasheet Search
  English  ▼

X  

CYUSB301X Datasheet(PDF) 27 Page - Cypress Semiconductor

Part # CYUSB301X
Description  EZ-USB짰 FX3 SuperSpeed USB Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB301X Datasheet(HTML) 27 Page - Cypress Semiconductor

Back Button CYUSB301X Datasheet HTML 23Page - Cypress Semiconductor CYUSB301X Datasheet HTML 24Page - Cypress Semiconductor CYUSB301X Datasheet HTML 25Page - Cypress Semiconductor CYUSB301X Datasheet HTML 26Page - Cypress Semiconductor CYUSB301X Datasheet HTML 27Page - Cypress Semiconductor CYUSB301X Datasheet HTML 28Page - Cypress Semiconductor CYUSB301X Datasheet HTML 29Page - Cypress Semiconductor CYUSB301X Datasheet HTML 30Page - Cypress Semiconductor CYUSB301X Datasheet HTML 31Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
CYUSB301X
Document Number: 001-52136 Rev. *L
Page 27 of 40
Figure 13. Asynchronous Slave FIFO Read Mode
Asynchronous Slave FIFO Write Sequence
Description
■ FIFO address is driven and SLCS# is asserted
■ SLWR# is asserted. SLCS# must be asserted with SLWR# or
before SLWR# is asserted
■ Data must be present on the tWRS bus before the deasserting
edge of SLWR#
■ Deassertion of SLWR# causes the data to be written from the
data bus to the FIFO, and then the FIFO pointer is incremented
■ The FIFO flag is updated after the tWFLG from the deasserting
edge of SLWR.
The same sequence of events is shown for a burst write.
Note that in the burst write mode, after SLWR# deassertion, the
data is written to the FIFO, and then the FIFO pointer is incre-
mented.
Short Packet: A short packet can be committed to the USB host
by using the PKTEND#. The external device or processor should
be designed to assert the PKTEND# along with the last word of
data and SLWR# pulse corresponding to the last word. The
FIFOADDR lines must be held constant during the PKTEND#
assertion.
Zero-Length Packet: The external device or processor can
signal a zero-length packet (ZLP) to FX3 simply by asserting
PKTEND#, without asserting SLWR#. SLCS# and the address
must be driven as shown in Figure 14 on page 28.
FLAG Usage: The FLAG signals are monitored by the external
processor for flow control. FLAG signals are FX3 outputs that
can be configured to show empty, full, and partial status for a
dedicated address or the current address.
FIFO ADDR
tAS
SLCS
SLRD
tRDl
SLOE
FLAGA
dedicated thread Flag for An
(1=Not empty 0 = Empty)
tOE
Data Out
High-Z
tAH
DN(An)
tRDO
tOE
tRDO
tOH
tOH
tRDh
tRDO
tLZ
DN(An)
DN(Am)
DN+1(Am)
DN+2(Am)
SLWR
(HIGH)
An
Am
FLAGB
dedicated thread Flag for Am
(1=Not empty 0 = Empty)
tRFLG
tFLG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com