Electronic Components Datasheet Search
  English  ▼

X  

CYUSB301X Datasheet(PDF) 33 Page - Cypress Semiconductor

Part # CYUSB301X
Description  EZ-USB짰 FX3 SuperSpeed USB Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB301X Datasheet(HTML) 33 Page - Cypress Semiconductor

Back Button CYUSB301X Datasheet HTML 29Page - Cypress Semiconductor CYUSB301X Datasheet HTML 30Page - Cypress Semiconductor CYUSB301X Datasheet HTML 31Page - Cypress Semiconductor CYUSB301X Datasheet HTML 32Page - Cypress Semiconductor CYUSB301X Datasheet HTML 33Page - Cypress Semiconductor CYUSB301X Datasheet HTML 34Page - Cypress Semiconductor CYUSB301X Datasheet HTML 35Page - Cypress Semiconductor CYUSB301X Datasheet HTML 36Page - Cypress Semiconductor CYUSB301X Datasheet HTML 37Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
CYUSB301X
Document Number: 001-52136 Rev. *L
Page 33 of 40
Reset Sequence
FX3’s hard reset sequence requirements are specified in this section.
Notes
10. All parameters guaranteed by design and validated through characterization.
11. Depends on LAG and LEAD setting in the SPI_CONFIG register.
Table 16. SPI Timing Parameters[10]
Parameter
Description
Min
Max
Units
fop
Operating frequency
0
33
MHz
tsck
Cycle time
30
–
ns
twsck
Clock high/low time
13.5
–
ns
tlead
SSN-SCK lead time
1/2 tsck[11 ]-5
1.5 tsck[11]+ 5
ns
tlag
Enable lag time
0.5
1.5 tsck[11]+5
ns
trf
Rise/fall time
–
8
ns
tsdd
Output SSN to valid data delay time
–
5
ns
tdv
Output data valid time
–
5
ns
tdi
Output data invalid
0
–
ns
tssnh
Minimum SSN high time
10
–
ns
tsdi
Data setup time input
8
–
ns
thoi
Data hold time input
0
–
ns
tdis
Disable data output on SSN high
0
–
ns
Table 17. Reset and Standby Timing Parameters
Parameter
Definition
Conditions
Min (ms)
Max (ms)
tRPW
Minimum RESET# pulse width
Clock Input
1
–
Crystal Input
1
–
tRH
Minimum high on RESET#
–
5
–
tRR
Reset recovery time (after which Boot loader begins
firmware download)
Clock Input
1
–
Crystal Input
5
tSBY
Time to enter standby/suspend (from the time
MAIN_CLOCK_EN/ MAIN_POWER_EN bit is set)
––
1
tWU
Time to wakeup from standby
Clock Input
1
–
Crystal Input
5
–
tWH
Minimum time before Standby/Suspend source may
be reasserted
–5
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com