Electronic Components Datasheet Search
  English  ▼

X  

XPBL Datasheet(PDF) 22 Page - Cree, Inc

Part # XPBL
Description  Cree® XLamp® XP Family LEDs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPBL Datasheet(HTML) 22 Page - Cree, Inc

Back Button XPBL Datasheet HTML 18Page - Cree, Inc XPBL Datasheet HTML 19Page - Cree, Inc XPBL Datasheet HTML 20Page - Cree, Inc XPBL Datasheet HTML 21Page - Cree, Inc XPBL Datasheet HTML 22Page - Cree, Inc XPBL Datasheet HTML 23Page - Cree, Inc XPBL Datasheet HTML 24Page - Cree, Inc XPBL Datasheet HTML 25Page - Cree, Inc XPBL Datasheet HTML 26Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
22
xlamp xp led binning & labeling
Copyright © 2008-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc. This document is provided for informational purposes only and is not a warranty or a specification. For product specifications, please see the data sheets
available at www.cree.com.
* Cree XLamp XP Family order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum specified by the order code
without advance notice. Shipments will always adhere to the chromaticity or DWL bin restrictions specified by the order code.
sTanDarD orDer CoDes anD bins (XP-e neuTraL WhiTe, ouTDoor WhiTe, T
J = 25 °C)
XLamp XP-e standard Kit Codes - White
Chromaticity
minimum Luminous
Flux (lm) @ 350 ma*
order Codes
Kit
CCT
Code
Flux (lm)
70 Cri Typical
75 Cri Typical
80 Cri minimum
aNSI Neutral white (3700 K – 5000 K)
e3
5000 K
Q5
107
XpewHT-l1-0000-00De3
Q4
100
XpewHT-l1-0000-00ce3
Q3
93.9
XpewHT-l1-0000-00Be3
c1
5000 K
r3
122
XPEWHT-01-0000-00FC1
r2
114
XpewHT-01-0000-00ec1
Q5
107
XpewHT-01-0000-00Dc1
Q4
100
XpewHT-01-0000-00cc1
F4
4750 K
Q5
107
XPEWHT-L1-0000-00DF4
Q4
100
XPEWHT-L1-0000-00CF4
Q3
93.9
XPEWHT-L1-0000-00BF4
D1
4750 K
r3
122
XPEWHT-01-0000-00FD1
r2
114
XpewHT-01-0000-00eD1
Q5
107
XpewHT-01-0000-00DD1
Q4
100
XpewHT-01-0000-00cD1
e4
4500 K
Q5
107
XpewHT-l1-0000-00De4
Q4
100
XpewHT-l1-0000-00ce4
Q3
93.9
XpewHT-l1-0000-00Be4
D2
4500 K
r3
122
XPEWHT-01-0000-00FD2
r2
114
XpewHT-01-0000-00eD2
Q5
107
XpewHT-01-0000-00DD2
Q4
100
XpewHT-01-0000-00cD2
c2
4500 K
r3
122
XPEWHT-01-0000-00FC2
r2
114
XpewHT-01-0000-00ec2
Q5
107
XpewHT-01-0000-00Dc2
Q4
100
XpewHT-01-0000-00cc2
c3
4300 K
r3
122
XPEWHT-01-0000-00FC3
r2
114
XpewHT-01-0000-00ec3
Q5
107
XpewHT-01-0000-00Dc3
Q4
100
XpewHT-01-0000-00cc3
F5
4250 K
Q5
107
XPEWHT-L1-0000-00DF5
Q4
100
XPEWHT-L1-0000-00CF5
Q3
93.9
XPEWHT-L1-0000-00BF5
Q2
87.4
XPEWHT-L1-0000-00AF5
e5
4000 K
Q5
107
XpewHT-l1-0000-00De5
Q4
100
XpewHT-l1-0000-00ce5
XpewHT-H1-0000-00ce5
Q3
93.9
XpewHT-l1-0000-00Be5
XpewHT-H1-0000-00Be5
Q2
87.4
XpewHT-l1-0000-00ae5
XpewHT-H1-0000-00ae5
Z5
4000 K
Q4
100
XpewHT-l1-0000-00cZ5
Q3
93.9
XpewHT-l1-0000-00BZ5
XpewHT-H1-0000-00BZ5
Q2
87.4
XpewHT-l1-0000-00aZ5
XpewHT-H1-0000-00aZ5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com