Electronic Components Datasheet Search
  English  ▼

X  

XPBL Datasheet(PDF) 33 Page - Cree, Inc

Part # XPBL
Description  Cree® XLamp® XP Family LEDs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPBL Datasheet(HTML) 33 Page - Cree, Inc

Back Button XPBL Datasheet HTML 29Page - Cree, Inc XPBL Datasheet HTML 30Page - Cree, Inc XPBL Datasheet HTML 31Page - Cree, Inc XPBL Datasheet HTML 32Page - Cree, Inc XPBL Datasheet HTML 33Page - Cree, Inc XPBL Datasheet HTML 34Page - Cree, Inc XPBL Datasheet HTML 35Page - Cree, Inc XPBL Datasheet HTML 36Page - Cree, Inc XPBL Datasheet HTML 37Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
33
xlamp xp led binning & labeling
Copyright © 2008-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc. This document is provided for informational purposes only and is not a warranty or a specification. For product specifications, please see the data sheets
available at www.cree.com.
* Cree XLamp XP Family order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum specified by the order code
without advance notice. Shipments will always adhere to the chromaticity or DWL bin restrictions specified by the order code.
sTanDarD orDer CoDes anD bins (XP-g Warm WhiTe T
J = 25 °C)
XLamp XP-g standard Kit Codes - White
Chromaticity
minimum
Luminous Flux
(lm) @ 350
ma*
order Codes
Kit
CCT
Code
Flux
(lm)
70 Cri Typical
80 Cri Typical
80 Cri minimum
85 Cri minimum
90 Cri minimum
aNSI warm white (2700 K - 3750 K)
F6
3750 K
r3
122
XPGWHT-01-0000-00FF6
r2
114
XPGWHT-01-0000-00EF6
XPGWHT-L1-0000-00EF6
XPGWHT-H1-0000-00EF6
Q5
107
XPGWHT-01-0000-00DF6
XPGWHT-L1-0000-00DF6
XPGWHT-H1-0000-00DF6
Q4
100
XPGWHT-L1-0000-00CF6
XPGWHT-H1-0000-00CF6
D5
3700 K
r3
122
XPGWHT-01-0000-00FD5
r2
114
XpGwHT-01-0000-00eD5
Q5
107
XpGwHT-01-0000-00DD5
c6
3600 K
r3
122
XPGWHT-01-0000-00FC6
r2
114
XpGwHT-01-0000-00ec6
Q5
107
XpGwHT-01-0000-00Dc6
e6
3500 K
r3
122
XPGWHT-01-0000-00FE6
r2
114
XpGwHT-01-0000-00ee6
XpGwHT-l1-0000-00ee6
Q5
107
XpGwHT-01-0000-00De6
XpGwHT-l1-0000-00De6
XpGwHT-H1-0000-00De6
Q4
100
XpGwHT-l1-0000-00ce6
XpGwHT-H1-0000-00ce6
Z6
3500 K
Q5
107
XpGwHT-l1-0000-00DZ6
XpGwHT-H1-0000-00DZ6
Q4
100
XpGwHT-l1-0000-00cZ6
XpGwHT-H1-0000-00cZ6
F7
3250 K
r2
114
XPGWHT-L1-0000-00EF7
Q5
107
XPGWHT-L1-0000-00DF7
XPGWHT-H1-0000-00DF7
Q4
100
XPGWHT-L1-0000-00CF7
XPGWHT-H1-0000-00CF7
Q3
93.9
XPGWHT-L1-0000-00BF7
XPGWHT-H1-0000-00BF7
e7
3000 K
r2
114
XpGwHT-l1-0000-00ee7
Q5
107
XpGwHT-l1-0000-00De7
XpGwHT-H1-0000-00De7
Q4
100
XpGwHT-l1-0000-00ce7
XpGwHT-H1-0000-00ce7
Q3
93.9
XpGwHT-l1-0000-00Be7
XpGwHT-H1-0000-00Be7
XpGwHT-p1-0000-00Be7
Q2
87.4
XpGwHT-p1-0000-00ae7
XpGwHT-U1-0000-00ae7
p4
80.6
XpGwHT-p1-0000-009e7
XpGwHT-U1-0000-009e7
p3
73.9
XpGwHT-p1-0000-008e7
XpGwHT-U1-0000-008e7
Z7
3000 K
Q5
107
XpGwHT-l1-0000-00DZ7
XpGwHT-H1-0000-00DZ7
Q4
100
XpGwHT-l1-0000-00cZ7
XpGwHT-H1-0000-00cZ7
Q3
93.9
XpGwHT-l1-0000-00BZ7
XpGwHT-H1-0000-00BZ7
Q2
87.4
XpGwHT-p1-0000-00aZ7
p4
80.6
XpGwHT-p1-0000-009Z7
XpGwHT-U1-0000-009Z7
p3
73.9
XpGwHT-p1-0000-008Z7
XpGwHT-U1-0000-008Z7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com