Electronic Components Datasheet Search
  English  ▼

X  

XPBL Datasheet(PDF) 29 Page - Cree, Inc

Part # XPBL
Description  Cree® XLamp® XP Family LEDs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPBL Datasheet(HTML) 29 Page - Cree, Inc

Back Button XPBL Datasheet HTML 25Page - Cree, Inc XPBL Datasheet HTML 26Page - Cree, Inc XPBL Datasheet HTML 27Page - Cree, Inc XPBL Datasheet HTML 28Page - Cree, Inc XPBL Datasheet HTML 29Page - Cree, Inc XPBL Datasheet HTML 30Page - Cree, Inc XPBL Datasheet HTML 31Page - Cree, Inc XPBL Datasheet HTML 32Page - Cree, Inc XPBL Datasheet HTML 33Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
29
xlamp xp led binning & labeling
Copyright © 2008-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc. This document is provided for informational purposes only and is not a warranty or a specification. For product specifications, please see the data sheets
available at www.cree.com.
* Cree XLamp XP Family order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum specified by the order code
without advance notice. Shipments will always adhere to the chromaticity or DWL bin restrictions specified by the order code.
sTanDarD orDer CoDes anD bins (XP-e heW neuTraL WhiTe, ouTDoor WhiTe,
T
J = 25 °C)
XLamp XP-E High Efficiency White Standard Kit Codes - White
Chromaticity
minimum Luminous
Flux (lm) @ 350 ma*
order Codes
Kit
CCT
Code
Flux (lm)
70 Cri Typical
75 Cri Typical
80 Cri minimum
aNSI Neutral white (3700 K – 5000 K)
e3
5000 K
r3
122
XPEHEW-01-0000-00FE3
XPEHEW-L1-0000-00FE3
r2
114
XpeHew-01-0000-00ee3
XpeHew-l1-0000-00ee3
Q5
107
XpeHew-l1-0000-00De3
c1
5000 K
r4
130
XpeHew-01-0000-00Gc1
r3
122
XPEHEW-01-0000-00FC1
r2
114
XpeHew-01-0000-00ec1
F4
4750 K
r3
122
XPEHEW-01-0000-00FF4
XPEHEW-L1-0000-00FF4
r2
114
XPEHEW-01-0000-00EF4
XPEHEW-L1-0000-00EF4
Q5
107
XPEHEW-L1-0000-00DF4
D1
4750 K
r4
130
XpeHew-01-0000-00GD1
r3
122
XPEHEW-01-0000-00FD1
r2
114
XpeHew-01-0000-00eD1
e4
4500 K
r3
122
XPEHEW-01-0000-00FE4
XPEHEW-L1-0000-00FE4
r2
114
XpeHew-01-0000-00ee4
XpeHew-l1-0000-00ee4
Q5
107
XpeHew-l1-0000-00De4
D2
4500 K
r4
130
XpeHew-01-0000-00GD2
r3
122
XPEHEW-01-0000-00FD2
r2
114
XpeHew-01-0000-00eD2
c2
4500 K
r4
130
XpeHew-01-0000-00Gc2
r3
122
XPEHEW-01-0000-00FC2
r2
114
XpeHew-01-0000-00ec2
c3
4300 K
r4
130
XpeHew-01-0000-00Gc3
r3
122
XPEHEW-01-0000-00FC3
r2
114
XpeHew-01-0000-00ec3
F5
4250 K
r3
122
XPEHEW-01-0000-00FF5
XPEHEW-L1-0000-00FF5
r2
114
XPEHEW-01-0000-00EF5
XPEHEW-L1-0000-00EF5
Q5
107
XPEHEW-L1-0000-00DF5
e5
4000 K
r3
122
XPEHEW-01-0000-00FE5
XPEHEW-L1-0000-00FE5
r2
114
XpeHew-01-0000-00ee5
XpeHew-l1-0000-00ee5
XpeHew-H1-0000-00ee5
Q5
107
XpeHew-l1-0000-00De5
XpeHew-H1-0000-00De5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com