Electronic Components Datasheet Search
  English  ▼

X  

XPBL Datasheet(PDF) 30 Page - Cree, Inc

Part # XPBL
Description  Cree® XLamp® XP Family LEDs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPBL Datasheet(HTML) 30 Page - Cree, Inc

Back Button XPBL Datasheet HTML 26Page - Cree, Inc XPBL Datasheet HTML 27Page - Cree, Inc XPBL Datasheet HTML 28Page - Cree, Inc XPBL Datasheet HTML 29Page - Cree, Inc XPBL Datasheet HTML 30Page - Cree, Inc XPBL Datasheet HTML 31Page - Cree, Inc XPBL Datasheet HTML 32Page - Cree, Inc XPBL Datasheet HTML 33Page - Cree, Inc XPBL Datasheet HTML 34Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
30
xlamp xp led binning & labeling
Copyright © 2008-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc. This document is provided for informational purposes only and is not a warranty or a specification. For product specifications, please see the data sheets
available at www.cree.com.
* Cree XLamp XP Family order codes specify only a minimum flux bin and not a maximum. Cree may ship reels in flux bins higher than the minimum specified by the order code
without advance notice. Shipments will always adhere to the chromaticity or DWL bin restrictions specified by the order code.
sTanDarD orDer CoDes anD bins (XP-e heW neuTraL WhiTe, ouTDoor WhiTe, T
J = 25 °C)
XLamp XP-E High Efficiency White Standard Kit Codes - White
Chromaticity
minimum
Luminous Flux
(lm) @ 350
ma*
order Codes
Kit
CCT
Code
Flux
(lm)
70 Cri Typical
80 Cri Typical
80 Cri minimum
85 Cri minimum
90 Cri minimum
aNSI warm white (2700 K - 3750 K)
F6
3750 K
r2
114
XPEHEW-01-0000-00EF6
XPEHEW-L1-0000-00EF6
XPEHEW-P1-0000-00EF6
Q5
107
XPEHEW-01-0000-00DF6
XPEHEW-L1-0000-00DF6
XPEHEW-P1-0000-00DF6
Q4
100
XPEHEW-L1-0000-00CF6
XPEHEW-P1-0000-00CF6
e6
3500 K
r2
114
XpeHew-01-0000-00ee6
XpeHew-l1-0000-00ee6
Q5
107
XpeHew-01-0000-00De6
XpeHew-l1-0000-00De6
XpeHew-p1-0000-00De6
Q4
100
XpeHew-l1-0000-00ce6
XpeHew-p1-0000-00ce6
F7
3250 K
r2
114
XPEHEW-01-0000-00EF7
Q5
107
XPEHEW-01-0000-00DF7
XPEHEW-L1-0000-00DF7
XPEHEW-P1-0000-00DF7
Q4
100
XPEHEW-01-0000-00CF7
XPEHEW-L1-0000-00CF7
XPEHEW-P1-0000-00CF7
Q3
93.9
XPEHEW-L1-0000-00BF7
XPEHEW-P1-0000-00BF7
p3
73.9
e7
3000 K
r2
114
XpeHew-01-0000-00ee7
Q5
107
XpeHew-01-0000-00De7
XpeHew-l1-0000-00De7
Q4
100
XpeHew-01-0000-00ce7
XpeHew-l1-0000-00ce7
XpeHew-p1-0000-00ce7
Q3
93.9
XpeHew-l1-0000-00Be7
XpeHew-p1-0000-00Be7
XpeHew-p1-0000-00Be7
Q2
87.4
XpeHew-p1-0000-00ae7
XpeHew-U1-0000-00ae7
p4
80.6
XpeHew-p1-0000-009e7
XpeHew-U1-0000-009e7
F8
2850 K
Q5
107
XPEHEW-01-0000-00DF8
Q4
100
XPEHEW-01-0000-00CF8
XPEHEW-L1-0000-00CF8
XPEHEW-P1-0000-00CF8
Q3
93.9
XPEHEW-L1-0000-00BF8
XPEHEW-P1-0000-00BF8
Q2
87.4
XPEHEW-L1-0000-00AF8
XPEHEW-P1-0000-00AF8
XPEHEW-P1-0000-00AF8
XPEHEW-U1-0000-00AF8
p4
80.6
XPEHEW-P1-0000-009F8
XPEHEW-U1-0000-009F8
p3
73.9
XPEHEW-P1-0000-008F8
XPEHEW-U1-0000-008F8
e8
2700 K
Q5
107
XpeHew-01-0000-00De8
Q4
100
XpeHew-01-0000-00ce8
XpeHew-l1-0000-00ce8
Q3
93.9
XpeHew-l1-0000-00Be8
XpeHew-p1-0000-00Be8
Q2
87.4
XpeHew-l1-0000-00ae8
XpeHew-p1-0000-00ae8
XpeHew-p1-0000-00ae8
p4
80.6
XpeHew-p1-0000-009e8
XpeHew-U1-0000-009e8
p3
73.9
XpeHew-p1-0000-008e8
XpeHew-U1-0000-008e8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com