Electronic Components Datasheet Search
  English  ▼

X  

BF862 Datasheet(PDF) 54 Page - NXP Semiconductors

Part # BF862
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF862 Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button BF862 Datasheet HTML 50Page - NXP Semiconductors BF862 Datasheet HTML 51Page - NXP Semiconductors BF862 Datasheet HTML 52Page - NXP Semiconductors BF862 Datasheet HTML 53Page - NXP Semiconductors BF862 Datasheet HTML 54Page - NXP Semiconductors BF862 Datasheet HTML 55Page - NXP Semiconductors BF862 Datasheet HTML 56Page - NXP Semiconductors BF862 Datasheet HTML 57Page - NXP Semiconductors BF862 Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 130 page
background image
55
NXP Semiconductors RF Manual 16th edition
Block diagram
Application diagram of an active splitter
with passive loop-through
brb403
RF input
RF SW
BF1108 or BF1118
BGU703x/BGU704x
VGA
WB LNA
BGU7031/BGU7041/BGU7044(optional)
surge
RF output
CONVENTIONAL
TUNER OR
SILICON TUNER
Type
Package
Frequency
range
Mode
@
Gain(1)
NF
P
L(1dB)
OIP3
FL(2)
RL
out
RL
in
V
CC
I
CC
(MHz)
(V)
(mA)
(dB)
(dB)
(dBm)
(dBm)
(dB)
(dB)
(dB)
BGU7031
SOT363
40 - 1000
G
P 10 dB
5
43
10
4.5
14
29
-0.2
12
18
BGU7032
SOT363
40 - 1000
G
P 10 dB
5
43
10
4.5
14
29
-0.2
12
18
Bypass
5
4
-2
2.5
-
29
-0.2
8
8
BGU7033
SOT363
40 - 1000
G
P 10 dB
5
43
10
4.5
14
29
-0.2
12
18
G
P 5 dB
5
43
5
6
9
29
-0.2
12
17
Bypass
5
4
-2
2.5
-
29
-0.2
8
8
BGU7041
SOT363
40 - 1000
G
P 10 dB
3.3
38
10
4
12
29
-0.2
12
21
BGU7042
SOT363
40 - 1000
G
P 10 dB
3.3
38
10
4
12
29
-0.2
12
21
Bypass
3.3
3
-2
2.5
-
29
-0.2
10
10
BGU7044
SOT363
40 - 1000
G
P 14 dB
3.3
34
14
2.8
13
29
-0.2
12
20
BGU7045
SOT363
40 - 1000
G
P 14 dB
3.3
34
14
2.8
13
29
-0.2
12
20
Bypass
3.3
3
-2
2.5
-
27
-0.2
10
9
LNAs for set-top boxes (75 Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com