Electronic Components Datasheet Search
  English  ▼

X  

BF862 Datasheet(PDF) 88 Page - NXP Semiconductors

Part # BF862
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF862 Datasheet(HTML) 88 Page - NXP Semiconductors

Back Button BF862 Datasheet HTML 84Page - NXP Semiconductors BF862 Datasheet HTML 85Page - NXP Semiconductors BF862 Datasheet HTML 86Page - NXP Semiconductors BF862 Datasheet HTML 87Page - NXP Semiconductors BF862 Datasheet HTML 88Page - NXP Semiconductors BF862 Datasheet HTML 89Page - NXP Semiconductors BF862 Datasheet HTML 90Page - NXP Semiconductors BF862 Datasheet HTML 91Page - NXP Semiconductors BF862 Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 130 page
background image
89
NXP Semiconductors RF Manual 16th edition
3.4.4 Low-noise LO generators for VSAT and general microwave applications
Why choose NXP’s low-noise LO generators:
` Lowest total cost of ownership
` Alignment-free concept
` Easy circuit design-in
` Improved LO stability
Low-noise LO generators for VSAT applications
Type
Package
f
IN(REF)
V
CC
I
CC
PLL phase noise @ N=64,
@ 100 kHz
PLL
Output buffer
Input
f
o(RF)
Po
RL
out(RF)
S
i
Typ
Typ
Max
Typ
Max
Min
(MHz)
(V)
(mA)
(dBc/Hz)
(GHz)
(dBm)
(dB)
(dBm)
TFF1003HN
SOT616
50 - 815
3.3
100
-92
12.8 - 13.05
-5
-10
-10
TFF1007HN
SOT616
230.46 - 234.38
3.3
100
-104
14.62 - 15
-3
-10
-10
Low-noise LO generators for general microwave applications
Type
Package
f
IN(REF)
V
CC
I
CC
PLL phase noise @
N=64
PLL
Output buffer
Input
Frequency
band
fo(RF)
Po
RLout(RF)
S
i
Typ
Typ
@ 100 kHz @ 10 MHz
Min
Typ
Max
Typ
Max
Min
(MHz)
(V)
(mA)
(dBc/Hz) (dBc/Hz)
(GHz)
(GHz)
(GHz)
(dBm)
(dB)
(dBm)
TFF11070HN*
SOT616
27 - 448
3.3
100
-95
-131
6.84
7
7.16
-5
-10
-10
C
TFF11073HN*
SOT616
28 - 468
3.3
100
-95
-131
7.16
7.33
7.49
-5
-10
-10
C
TFF11077HN*
SOT616
29 - 490
3.3
100
-95
-131
7.49
7.67
7.84
-5
-10
-10
C
TFF11080HN*
SOT616
31 - 513
3.3
100
-95
-131
7.84
8.02
8.21
-5
-10
-10
C. X
TFF11084HN*
SOT616
32 - 537
3.3
100
-95
-131
8.21
8.4
8.59
-5
-10
-10
X
TFF11088HN*
SOT616
34 - 562
3.3
100
-95
-131
8.59
8.79
8.99
-5
-10
-10
X
TFF11092HN*
SOT616
35 - 588
3.3
100
-95
-131
8.99
9.2
9.41
-5
-10
-10
X
TFF11094HN*
SOT616
36-600
3.3
100
-95
-131
9.00
9.4
9.6
-5
-10
-10
X
TFF11096HN*
SOT616
37 - 616
3.3
100
-95
-131
9.41
9.63
9.85
-5
-10
-10
X
TFF11101HN*
SOT616
38 - 644
3.3
100
-95
-131
9.85
10.07
10.31
-5
-10
-10
X
TFF11105HN*
SOT616
40 - 674
3.3
100
-95
-131
10.31
10.54
10.79
-5
-10
-10
Ku
TFF11110HN*
SOT616
42 - 706
3.3
100
-95
-131
10.79
11.03
11.29
-5
-10
-10
Ku
TFF11115HN*
SOT616
44 - 738
3.3
100
-95
-131
11.29
11.55
11.81
-5
-10
-10
Ku
TFF11121HN*
SOT616
46 - 773
3.3
100
-95
-131
11.81
12.09
12.36
-5
-10
-10
Ku
TFF11126HN*
SOT616
48 - 809
3.3
100
-95
-131
12.36
12.65
12.94
-5
-10
-10
Ku
TFF11132HN*
SOT616
51 - 846
3.3
100
-95
-131
12.9
13.2
13.5
-5
-10
-10
Ku
TFF11139HN*
SOT616
53 - 886
3.3
100
-95
-131
13.54
13.85
14.17
-5
-10
-10
Ka
TFF11145HN*
SOT616
55 - 927
3.3
100
-95
-131
14.17
14.5
14.83
-5
-10
-10
Ka
TFF11152HN*
SOT616
58 - 970
3.3
100
-95
-131
14.83
15.18
15.52
-5
-10
-10
Ka
Bold = highly recommended product
* To be released on request, please consult your local NXP representative or authorized distributor
3.4.3 Satellite LNB RF ICs
Type
Package
Input freq
range
V
cc
I
G
conv
NF
OIP3
LO Freq
Integrated Phase noise
density (degrees RMS)
(V)
(mA)
(dB)
(dB)
(dB)
(GHz)
TFF1014HN
SOT763-1
10.7 - 12.75
5
52
36
7
13
9.75 / 10.6
1.5
TFF1015HN
SOT763-1
10.7 - 12.75
5
52
39
7
13
9.75 / 10.6
1.5
TFF1017HN
SOT763-1
10.7 - 12.75
5
52
42
7
13
9.75 / 10.6
1.5
TFF1018HN
SOT763-1
10.7 - 12.75
5
52
45
7
13
9.75 / 10.6
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com