Electronic Components Datasheet Search
  English  ▼

X  

BF862 Datasheet(PDF) 99 Page - NXP Semiconductors

Part # BF862
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF862 Datasheet(HTML) 99 Page - NXP Semiconductors

Back Button BF862 Datasheet HTML 95Page - NXP Semiconductors BF862 Datasheet HTML 96Page - NXP Semiconductors BF862 Datasheet HTML 97Page - NXP Semiconductors BF862 Datasheet HTML 98Page - NXP Semiconductors BF862 Datasheet HTML 99Page - NXP Semiconductors BF862 Datasheet HTML 100Page - NXP Semiconductors BF862 Datasheet HTML 101Page - NXP Semiconductors BF862 Datasheet HTML 102Page - NXP Semiconductors BF862 Datasheet HTML 103Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 130 page
background image
100
NXP Semiconductors RF Manual 16th edition
3.7.3 RF power transistors for aerospace and defense
Device naming conventions RF power transistors for aerospace and defense
Why choose NXP’s microwave RF power transistors
` High gain
` High efficiency
` Highest reliability
` Improved pulse droop and insertion phase
` Improved ruggedness - overdrive without risk to +5 dB
` Reduces component count and helps simplify L- and S-band radar design
` Uses non-toxic, RoHS-compliant packages
B L S 6 G 2731 S -120 G
option: gullwing shaped leads
P1dB power
S: earless package
P: pallet
frequency
band (in 100MHz; here: 2700-3100)
G: standard LDMOS (≤ 28V)
H: high voltage LDMOS (50V)
LDMOS technology generation
A: avionics frequency band operation
L: L-band frequency operation
S: S-band frequency operation
L: high frequency power transistor
B: semiconductor die made of Si
3.7.3.1 Avionics LDMOS transistors
Type
Product
f
min
(MHz)
f
max
(MHz)
P1dB
(W)
VDS
(V)
P
L
(W)
η
D
(%)
G
p
(dB)
Test signal
Package
BLA1011-2
Driver
1030
1090
2
36
2
-
16
pulsed
SOT538A
BLA1011-10
1030
1090
10
36
10
40
16
pulsed
SOT467C
BLA1011(S)-200R
Final
1030
1090
200
36
200
50
15
pulsed
SOT502
BLA6G1011-200R
1030
1090
200
28
200
65
20
pulsed
SOT502A
BLA6G1011LS-200RG
1030
1090
200
28
200
65
20
pulsed
SOT502
BLA0912-250R
960
1215
250
36
250
50
13.5
pulsed
SOT502A
BLA1011-300
1030
1090
300
32
300
57
16.5
pulsed
SOT957A
BLA6H0912-500
960
1215
500
50
450
50
17
pulsed
SOT634A
BLA6H1011-600
1030
1090
600
48
600
52
17
pulsed
SOT539A
BLU6H0410L(S)-600P
400
1000
600
50
600
57
20
pulsed
SOT539
3.7.3.2 L-band LDMOS transistors
Type
Product
f
min
(MHz)
f
max
(MHz)
P1dB
(W)
VDS
(V)
P
L
(W)
η
D
(%)
G
p
(dB)
Test signal
Package
BLL6H0514-25
Driver
500
1400
25
50
25
50
19
pulsed
SOT467C
BLL1214-35
1200
1400
35
36
35
43
13
pulsed
SOT467C
BLL6H0514L(S)-130
Final
500
1400
130
50
130
50
17
pulsed
SOT1135
BLL1214-250R
1200
1400
250
36
250
47
13
pulsed
SOT502A
BLL6G1214L-250
1200
1400
250
36
250
45
15
pulsed
SOT502A
BLL6H1214L(S)-250
1200
1400
250
50
250
55
17
pulsed
SOT502
BLL6H1214(LS)-500
1200
1400
500
50
500
50
17
pulsed
SOT539A
Bold red = new, highly recommended product



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com