Electronic Components Datasheet Search
  English  ▼

X  

BF862 Datasheet(PDF) 96 Page - NXP Semiconductors

Part # BF862
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF862 Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button BF862 Datasheet HTML 92Page - NXP Semiconductors BF862 Datasheet HTML 93Page - NXP Semiconductors BF862 Datasheet HTML 94Page - NXP Semiconductors BF862 Datasheet HTML 95Page - NXP Semiconductors BF862 Datasheet HTML 96Page - NXP Semiconductors BF862 Datasheet HTML 97Page - NXP Semiconductors BF862 Datasheet HTML 98Page - NXP Semiconductors BF862 Datasheet HTML 99Page - NXP Semiconductors BF862 Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 130 page
background image
97
NXP Semiconductors RF Manual 16th edition
3.7.1.6
2.5 - 2.7 GHz line-up
Test signal performance
Type
Product
f
min
(MHz)
f
max
(MHz)
P1dB
(W)
Matching VDS
(V)
P
L
(W)
BO
(dB)
η
D
(%)
G
p
(dB)
Test signal
Package
BLF6G27-10(G)
Driver
2300
2700
10
I
28
2
7.0
20
19
N-CDMA/IS95
SOT975
BLF6G27L(S)-40P
Driver/final
2500
2700
40
I/O
28
20
3.0
37
17.5
1-c WCDMA
SOT1121
BLF6G27(S)-45
2500
2700
45
I/O
28
7
8.1
24
18
N-CDMA/IS95
SOT608
BLF6G27L(S)-50BN
2500
2700
50
I/O
28
3
12.2
14.5
16.5
2-c WCDMA
SOT1112
BLF7G27L(S)-75P
Final
2300
2700
75
I/O
28
12
8.0
26
17
N-CDMA/IS95
SOT1121
BLF6G27(LS)-75
2500
2700
75
I/O
28
9
9.2
23
17
N-CDMA/IS95
SOT502
BLF7G27L(S)-90P
2500
2700
90
I/O
28
16
7.5
29
18.5
N-CDMA/IS95
SOT1121
BLF7G27LS-90PG*
2500
2700
90
I/O
28
16
7.5
27.5
17.5
N-CDMA/IS95
SOT1121C
BLF6G27(LS)-100
2500
2700
100
I/O
28
14
8.5
23
17
1-c WCDMA
SOT502
BLF7G27L(S)-100
2500
2700
100
I/O
28
25
6.0
28
18
N-CDMA/IS95
SOT502
BLF6G27(LS)-135
2500
2700
135
I/O
32
20
8.3
22.5
16
N-CDMA/IS95
SOT502
BLF7G27L(S)-140
2500
2700
140
I/O
28
30
6.7
22
16.5
N-CDMA/IS95
SOT502
BLF8G27LS-140
2500
2700
140
I/O
28
50
4.5
31
18
2-c WCDMA
SOT502B
BLF8G27LS-140G*
2500
2700
140
I/O
28
50
4.5
31
18
2-c WCDMA
SOT502E
BLF7G27L(S)-150P
2500
2700
150
I/O
28
30
7.0
26
16.5
N-CDMA/IS95
SOT539
BLF8G27LS-200PGV*
2500
2700
200
I/O
28
32
8.0
23
17
2-c WCDMA
SOT1242C
BLF8G27LS-280PGV*
2500
2700
280
I/O
28
50
7.5
21
16.4
2-c WCDMA
SOT1242C
BLF8G27LS-140V*
2600
2700
140
I/O
32
45
4.9
30
16.5
2-c WCDMA
SOT1244B
BLF7G27L-200PB
2600
2700
200
I/O
32
65
4.9
29
16.5
2-c WCDMA
SOT1110A
3.7.1.7
3.5 - 3.8 GHz line-up
Test signal performance
Type
Product
f
min
(MHz)
f
max
(MHz)
P1dB
(W)
Matching
VDS
(V)
P
L
(W)
BO
(dB)
η
D
(%)
G
p
(dB)
Test signal
Package
BLF6G38-10(G)
Driver
3400
3600
10
I/O
28
2
7.0
20
14
N-CDMA/IS95
SOT975
BLF6G38(S)-25
3400
3800
25
I/O
28
4.5
7.4
24
15
N-CDMA/IS95
SOT608
BLF6G38(LS)-50
Driver/final
3400
3800
50
I/O
28
9
7.4
23
14
N-CDMA/IS95
SOT502
BLF6G38(LS)-100
Final
3400
3600
100
I/O
28
18.5
7.3
21.5
13
N-CDMA/IS95
SOT502
3.7.1.8
Power LDMOS Doherty designs
Freq band (MHz)
PPEAK
(dBm)
POUT-AVG
(dBm)
VDS
(V)
Gain
(dB)
Drain efficiency
(%)
Type
Main transistor
Peak transistor
728-821 MHz
790-821
55.5
47
28
19
42
SYM
1/2 BLF6G10L(S)-260PRN
1/2 BLF6G10L(S)-260PRN
790-821
57.2
49.5
32
20
42
SYM
BLF6G10LS-200RN
BLF6G10LS-200RN
728-768
58
50
32
20.5
47
SYM
BLF6G10LS-200RN
BLF6G10LS-200RN
869-960 MHz
920-960
46
38
28
24
51
SYM
BLF6G21-10G
BLF6G21-10G
869-894
52
44
28
20
48
SYM
BLF6G10S-45
BLF6G10S-45
869-894
52.7
44.5
28
15
50
3-WAY
BLF6G10S-45
2x BLF6G10S-45
920-960
54.7
47.5
28
17.3
48
SYM
BLF6G10LS-135RN
BLF6G10LS-135RN
920-960
55.1
47.1
28
20.5
44
SYM
1/2 BLF6G10L(S)-260PRN
1/2 BLF6G10L(S)-260PRN
920-960
56.2
48
28
18.5
40
SYM
BLF6G10LS-135RN
BLF6G10LS-135RN
920-960
56.6
50
30
18.8
44.5
SYM
BLF6G10LS-200RN
BLF6G10LS-200RN
920-960
57
49.2
28
15.8
48
SYM
BLF7G10LS-250
BLF7G10LS-250
920-960
57.1
49
30
16.1
46.7
ASYM
BLF8G10LS-160
BLF7G10LS-250
920-960
57.1
49
28
15
48
3-WAY
BLF8G10LS-160
2x BLF8G10LS-160
869-894
57.2
49.3
28
16.5
49.5
SYM
BLF7G10LS-250
BLF7G10LS-250
920-960
57.3
49.3
30
16
50
ASYM
BLF8G10LS-160
BLF7G10LS-250
869-894
57.5
50.8
30
18
48.8
ASYM
BLF6G10LS-200RN
BLF7G10LS-250
925-960
57.7
49.7
28
20.5
40
SYM / MPPM
BLF6G10L(S)-260PRN
BLF6G10L(S)-260PRN
869-894
57.9
52
28
18.2
50.1
SYM / MMPP
BLF6G10LS-260PRN
BLF6G10LS-260PRN
869-894
58
50
32
20.5
46
SYM
BLF6G10-200RN
BLF6G10-200RN
869-894
58.9
52
28
16.1
49.1
ASYM
BLF6G10LS-200RN
2x BLF7G10LS-250
925-960
58.9
50.9
32
22
47
SYM / MMPP
BLF6G10L(S)-260PRN
BLF6G10L(S)-260PRN
869-894
59.2
50.4
28
16
52
3-WAY
BLF7G10LS-250
2x BLF7G10LS-250
1476-1555 MHz
1526-1555
56.6
48.6
28
18.4
42
SYM
BLF7G15LS-200
BLF7G15LS-200
1476-1511
58.1
49.6
28
16
42
ASYM
BLF7G15LS-200
BLF7G15LS-300P
1476-1511
58.6
50.6
32
16.5
42
SYM
BLF6G15LS-250PBRN
BLF6G15LS-250PBRN
1805-1880 MHz (DCS)
1805-1880
48
40
28
15.4
42.4
SYM
1/2 BLF6G22LS-40P
1/2 BLF6G22LS-40P
1805-1880
50
42.8
28
15.8
48
SYM
1/2 BLF7G20LS-90P
1/2 BLF7G20LS-90P
1805-1880
52.5
44.5
28
16
44
SYM
1/2 BLF7G21LS-160P
1/2 BLF7G21LS-160P
1845-1880
52.6
45
28
14.5
46.5
SYM
1/2 BLF7G21LS-160P
1/2 BLF7G21LS-160P
1805-1880
54
47
28
16
49
SYM
BLF6G20LS-110
BLF6G20LS-110
1805-1880
55
49
28
15.5
47
SYM
BLF7G21LS-160P
BLF7G21LS-160P
1805-1880
55.4
47.5
31
16.3
49
ASYM
BLF7G20LS-90P
BLF7G21LS-160P
1805-1880
55.5
47
28
16
41
SYM
1/2 BLF7G20L(S)-250P
1/2 BLF7G20L(S)-250P
1805-1880
56.1
48.1
30
15.2
48
ASYM
BLF7G20LS-90P
BLF7G20LS-200
1805-1880
56.5
49
28
32
45.5
ASYM
BLF6G21-10G
BLF7G20LS-200
Bold red = new, highly recommended product
* Check status in section 3.1, as this type is not yet released for mass production



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com