Electronic Components Datasheet Search
  English  ▼

X  

BF862 Datasheet(PDF) 118 Page - NXP Semiconductors

Part # BF862
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF862 Datasheet(HTML) 118 Page - NXP Semiconductors

Back Button BF862 Datasheet HTML 114Page - NXP Semiconductors BF862 Datasheet HTML 115Page - NXP Semiconductors BF862 Datasheet HTML 116Page - NXP Semiconductors BF862 Datasheet HTML 117Page - NXP Semiconductors BF862 Datasheet HTML 118Page - NXP Semiconductors BF862 Datasheet HTML 119Page - NXP Semiconductors BF862 Datasheet HTML 120Page - NXP Semiconductors BF862 Datasheet HTML 121Page - NXP Semiconductors BF862 Datasheet HTML 122Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 130 page
background image
119
NXP Semiconductors RF Manual 16th edition
6.1
Packingquantitiesperpackagewithrelevantorderingcode
6. Packing and packaging information
Package
Package dimensions
L x W x H (mm)
Packing
quantity
Product
12NC ending
Packing
method
SOD323/SC-76
1.7x1.25x0.9
3,000
115
8 mm tape and reel
10,000
135
8 mm tape and reel
SOD523/SC-79
1.2x0.8x0.6
3,000
115
8 mm tape and reel
10,000
135
8 mm tape and reel
8,000
315
2 mm pitch tape and reel
20,000
335
2 mm pitch tape and reel
SOD882D
1.0x0.6x0.4
10,000
315
reel
SOT23
2.9x1.3x0.9
3,000
215
8 mm tape and reel
10,000
235
8 mm tape and reel
SOT54
4.6x3.9x5.1
5,000
112
bulk, delta pinning
5,000
412
bulk, straight leads
10,000
116
tape and reel, wide pitch
10,000
126
tape ammopack, wide pitch
SOT89/SC-62
4.5x2.5x1.5
1,000
115
12 mm tape and reel
4,000
135
12 mm tape and reel
SOT115
44.5x13.65x20.4
100
112
4 tray/box
SOT143(N/R)
2.9x1.3x0.9
3,000
215
8 mm tape and reel
10,000
235
8 mm tape and reel
SOT223/SC-73
6.7x3.5x1.6
1,000
115
12 mm tape and reel
4,000
135
12 mm tape and reel
SOT307
10x10x1.75
1,500
518
13" tape and reel dry pack
96
551
1 tray dry pack
480
557
5 tray dry pack
SOT323/SC-70
2.0x1.25x0.9
3,000
115
8 mm tape and reel
10,000
135
8 mm tape and reel
SOT341
5.3x10.2x2.0
1,000
118
13" tape and reel
658
112
tube
SOT343(N/R)
2.0x1.25x0.9
3,000
115
8 mm tape and reel
10,000
135
8 mm tape and reel
SOT343F
2.1x1.25x0.7
3,000
115
8 mm tape and reel
SOT360
6.5x4.4x0.9
2,500
118
16 mm tape and reel
SOT363/SC-88
2.0x1.25x0.9
3,000
115
8 mm tape and reel
10,000
135
8 mm tape and reel
SOT401
5x5x1.4
2,000
118
13" tape and reel
360
151
1 tray
SOT403
5.0x4.4x0.9
2,500
118
12 mm tape and reel
SOT416/SC-75
1.6x0.8x0.75
3,000
115
8 mm tape and reel
SOT467B
9.78x18.29x4.67
60
112
blister, tray
20
112
blister, tray
SOT467C
20.45x18.54x4.67
60
112
blister, tray
20
112
blister, tray
SOT502A
19.8x9.4x4.1
60
112
blister, tray
300
135
reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com