Electronic Components Datasheet Search
  English  ▼

X  

AD5611 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5611
Description  2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5611 Datasheet(HTML) 1 Page - Analog Devices

  AD5611 Datasheet HTML 1Page - Analog Devices AD5611 Datasheet HTML 2Page - Analog Devices AD5611 Datasheet HTML 3Page - Analog Devices AD5611 Datasheet HTML 4Page - Analog Devices AD5611 Datasheet HTML 5Page - Analog Devices AD5611 Datasheet HTML 6Page - Analog Devices AD5611 Datasheet HTML 7Page - Analog Devices AD5611 Datasheet HTML 8Page - Analog Devices AD5611 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2.7 V to 5.5 V, <100 μA, 8-/10-/12-Bit
nanoDAC, SPI Interface in LFCSP and SC70
Data Sheet
AD5601/AD5611/AD5621
Rev. F
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005–2012 Analog Devices, Inc. All rights reserved.
FEATURES
6-lead SC70 and LFCSP packages
Micropower operation: 100 µA maximum at 5 V
Power-down typically to 0.2 µA at 3 V
2.7 V to 5.5 V power supply
Guaranteed monotonic by design
Power-on reset to 0 V with brownout detection
3 power-down functions
Low power serial interface with Schmitt-triggered inputs
On-chip output buffer amplifier, rail-to-rail operation
SYNC interrupt facility
Minimized zero-code error
AD5601 buffered 8-bit DAC
B version: ±0.5 LSB INL
AD5611 buffered 10-bit DAC
B version: ±0.5 LSB INL
A version: ±4 LSB INL
AD5621 buffered 12-bit DAC
B version: ±1 LSB INL
A version: ±6 LSB INL
APPLICATIONS
Voltage level setting
Portable battery-powered instruments
Digital gain and offset adjustment
Programmable voltage and current sources
Programmable attenuators
GENERAL DESCRIPTION
The AD5601/AD5611/AD5621, members of the nanoDAC®
family, are single, 8-/10-/12-bit, buffered voltage output DACs
that operate from a single 2.7 V to 5.5 V supply, consuming
typically 75 µA at 5 V. The parts come in tiny LFCSP and SC70
packages. Their on-chip precision output amplifier allows rail-
to-rail output swing to be achieved. The AD5601/AD5611/
AD5621 utilize a versatile 3-wire serial interface that operates at
clock rates up to 30 MHz and is compatible with SPI, QSPI™,
MICROWIRE™, and DSP interface standards.
The reference for the AD5601/AD5611/AD5621 is derived
from the power supply inputs and, therefore, gives the widest
dynamic output range. The parts incorporate a power-on reset
circuit, which ensures that the DAC output powers up to 0 V
and remains there until a valid write to the device takes place.
The AD5601/AD5611/AD5621 contain a power-down feature
that reduces current consumption to typically 0.2 µA at 3 V.
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
Table 1. Related Devices
Part Number
Description
AD5641
2.7 V to 5.5 V, <100 µA, 14-bit nanoDAC in
SC70 and LFCSP packages
They also provide software-selectable output loads while in
power-down mode. The parts are put into power-down mode
over the serial interface.
The low power consumption of these parts in normal operation
makes them ideally suited to portable battery-operated equip-
ment. The combination of small package and low power makes
these nanoDAC devices ideal for level-setting requirements,
such as generating bias or control voltages in space-constrained
and power-sensitive applications.
PRODUCT HIGHLIGHTS
1. Available in 6-lead LFCSP and SC70 packages.
2. Low power, single-supply operation. The AD5601/
AD5611/AD5621 operate from a single 2.7 V to 5.5 V
supply with a maximum current consumption of 100 µA,
making them ideal for battery-powered applications.
3. The on-chip output buffer amplifier allows the output of
the DAC to swing rail-to-rail with a typical slew rate of
0.5 V/µs.
4. Reference is derived from the power supply.
5. High speed serial interface with clock speeds up to
30 MHz. Designed for very low power consumption.
The interface powers up only during a write cycle.
6. Power-down capability. When powered down, the DAC
typically consumes 0.2 µA at 3 V. Power-on reset with
brownout detection.
AD5601/AD5611/AD5621
VDD
VOUT
GND
POWER-ON
RESET
DAC
REGISTER
12-/10-/8-BIT
DAC
INPUT
CONTROL
LOGIC
POWER-DOWN
CONTROL LOGIC
OUTPUT
BUFFER
RESISTOR
NETWORK
REF(+)
SCLK SDIN
SYNC


Similar Part No. - AD5611

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5611 AD-AD5611 Datasheet
599Kb / 20P
2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package
AD5611 AD-AD5611 Datasheet
577Kb / 21P
8-/10-/12-Bit nanoDAC, SPI Interface
2/16-Rev. G to Rev. H
AD5611ACPZ-RL7 AD-AD5611ACPZ-RL7 Datasheet
466Kb / 24P
2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5611ACPZ-RL7 AD-AD5611ACPZ-RL7 Datasheet
577Kb / 21P
8-/10-/12-Bit nanoDAC, SPI Interface
2/16-Rev. G to Rev. H
AD5611AKS AD-AD5611AKS Datasheet
599Kb / 20P
2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package
More results

Similar Description - AD5611

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5641 AD-AD5641 Datasheet
572Kb / 20P
2.7 V to 5.5 V, <100 uA, 14-Bit nanoDAC D/A in SC70 Package
AD5601 AD-AD5601 Datasheet
599Kb / 20P
2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package
AD5602 AD-AD5602 Datasheet
563Kb / 24P
2.7 V to 5.5 V, <100 uA, 8-/10-/12-Bit nanoDACs with
3/06-Rev. A to Rev. B
AD5621AKSZ AD-AD5621AKSZ Datasheet
466Kb / 24P
2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5601 AD-AD5601_13 Datasheet
466Kb / 24P
2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
logo
Texas Instruments
TLV5629IPWG4 TI1-TLV5629IPWG4 Datasheet
915Kb / 22P
8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER
logo
Analog Devices
AD5601 AD-AD5601_15 Datasheet
466Kb / 24P
2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5611 AD-AD5611_15 Datasheet
466Kb / 24P
2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5621 AD-AD5621_15 Datasheet
466Kb / 24P
2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5663 AD-AD5663_15 Datasheet
725Kb / 24P
2.7 V to 5.5 V, 250 A, Rail-to-Rail Output, Dual 16-Bit nanoDAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com