Electronic Components Datasheet Search
  English  ▼

X  

AD5611 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5611
Description  2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5611 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5611 Datasheet HTML 7Page - Analog Devices AD5611 Datasheet HTML 8Page - Analog Devices AD5611 Datasheet HTML 9Page - Analog Devices AD5611 Datasheet HTML 10Page - Analog Devices AD5611 Datasheet HTML 11Page - Analog Devices AD5611 Datasheet HTML 12Page - Analog Devices AD5611 Datasheet HTML 13Page - Analog Devices AD5611 Datasheet HTML 14Page - Analog Devices AD5611 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
AD5601/AD5611/AD5621
Rev. F | Page 11 of 24
Figure 29. Total Unadjusted Error (TUE) vs. Temperature (5 V)
Figure 30. Offset Error vs. Temperature (3 V/5 V Supply)
Figure 31. Gain Error vs. Temperature (3 V/5 V Supply)
Figure 32. Supply Current vs. Temperature (3 V/5 V Supply)
Figure 33. INL vs. Supply Voltage at 25°C
Figure 34. DNL vs. Supply Voltage at 25°C
–0.5
–0.3
–0.1
0.1
0.3
0.5
1.5
–40
–20
TEMPERATURE (°C)
AD5601 MIN TUE
AD5611 MIN TUE
AD5621 MIN TUE
0.7
0.9
1.1
1.3
0
20
40
60
80
100
120
140
AD5621 MAX TUE
AD5601 MAX TUE
AD5611 MAX TUE
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.1
1.2
1.3
1.4
1.5
–40
–20
0
20
100
120
140
TEMPERATURE (°C)
40
60
80
1.0
VDD = 5V
VDD = 3V
–0.016
–0.014
–0.012
–0.010
–0.008
–0.006
–0.004
–0.002
0
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
VDD = 3V
VDD = 5V
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
VDD = 3V
VDD = 5V
2.7
3.2
3.7
4.2
4.7
5.2
SUPPLY VOLTAGE (V)
TA = 25°C
AD5621 MAX INL ERROR
AD5611 MIN INL ERROR
AD5621 MIN INL ERROR
AD5611 MAX INL ERROR
AD5601 MIN INL ERROR
AD5601 MAX INL ERROR
–0.6
–0.4
–0.2
0
0.2
0.4
–0.10
–0.09
–0.08
–0.07
–0.06
–0.05
–0.04
–0.03
–0.02
–0.01
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
2.7
3.2
3.7
4.2
4.7
5.2
5.7
6.2
6.7
SUPPLY VOLTAGE (V)
0
TA = 25°C
AD5621 MAX DNL ERROR
AD5601 MAX DNL ERROR
AD5601 MIN DNL ERROR
AD5621 MIN DNL ERROR
AD5611 MAX DNL ERROR
AD5611 MIN DNL ERROR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com