Electronic Components Datasheet Search
  English  ▼

X  

AD5611 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5611
Description  2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5611 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5611 Datasheet HTML 13Page - Analog Devices AD5611 Datasheet HTML 14Page - Analog Devices AD5611 Datasheet HTML 15Page - Analog Devices AD5611 Datasheet HTML 16Page - Analog Devices AD5611 Datasheet HTML 17Page - Analog Devices AD5611 Datasheet HTML 18Page - Analog Devices AD5611 Datasheet HTML 19Page - Analog Devices AD5611 Datasheet HTML 20Page - Analog Devices AD5611 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
AD5601/AD5611/AD5621
Rev. F | Page 17 of 24
AD5601/AD5611/AD5621 to Blackfin® ADSP-BF53x
Interface
Figure 48 shows a serial interface between the AD5601/AD5611/
AD5621 and the Blackfin ADSP-BF53x microprocessor. The
ADSP-BF53x processor family incorporates two dual-channel
synchronous serial ports, SPORT1 and SPORT0, for serial and
multiprocessor communications. Using SPORT0 to connect to
the AD5601/AD5611/AD5621, the setup for the interface is as
follows: DT0PRI drives the SDIN pin of the AD5601/AD5611/
AD5621, while TSCLK0 drives the SCLK of the part. The SYNC
is driven from TFS0.
Figure 48. AD5601/AD5611/AD5621 to Blackfin ADSP-BF53x Interface
AD5601/AD5611/AD5621 to 80C51/80L51 Interface
Figure 49 shows a serial interface between the AD5601/
AD5611/AD5621 and the 80C51/80L51 microcontroller. The
setup for the interface is as follows: TxD of the 80C51/80L51
drives SCLK of the AD5601/AD5611/AD5621, while RxD
drives the serial data line of the part. The SYNC signal is again
derived from a bit programmable pin on the port. In this case,
Port Line P3.3 is used. When data is to be transmitted to the
AD5601/AD5611/AD5621, P3.3 is taken low. The 80C51/80L51
transmit data only in 8-bit bytes; therefore, only eight falling
clock edges occur in the transmit cycle. To load data to the
DAC, P3.3 is left low after the first eight bits are transmitted,
and a second write cycle is initiated to transmit the second byte
of data. P3.3 is taken high following the completion of this
cycle. The 80C51/80L51 output the serial data LSB first. The
AD5601/AD5611/AD5621 require data with the MSB as the
first bit received. The 80C51/80L51 transmit routine should
take this into account.
Figure 49. AD5601/AD5611/AD5621 to 80C51/80L51 Interface
AD5601/AD5611/AD5621 to MICROWIRE Interface
Figure 50 shows an interface between the AD5601/AD5611/
AD5621 and any MICROWIRE-compatible device. Serial data
is shifted out on the falling edge of the serial clock and is
clocked into the AD5601/AD5611/AD5621 on the rising edge
of the SK.
Figure 50. AD5601/AD5611/AD5621 to MICROWIRE Interface
ADSP-BF53x*
AD5601/AD5611/
AD5621*
*ADDITIONAL PINS OMITTED FOR CLARITY
DT0PRI
TSCLK0
TFS0
SDIN
SCLK
SYNC
80C51/80L51*
AD5601/AD5611/
AD5621*
*ADDITIONAL PINS OMITTED FOR CLARITY
P3.3
TxD
RxD
SYNC
SCLK
SDIN
MICROWIRE*
AD5601/AD5611/
AD5621*
*ADDITIONAL PINS OMITTED FOR CLARITY
CS
SK
SO
SYNC
SCLK
SDIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com