Electronic Components Datasheet Search
  English  ▼

X  

AD5611 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5611
Description  2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5611 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5611 Datasheet HTML 8Page - Analog Devices AD5611 Datasheet HTML 9Page - Analog Devices AD5611 Datasheet HTML 10Page - Analog Devices AD5611 Datasheet HTML 11Page - Analog Devices AD5611 Datasheet HTML 12Page - Analog Devices AD5611 Datasheet HTML 13Page - Analog Devices AD5611 Datasheet HTML 14Page - Analog Devices AD5611 Datasheet HTML 15Page - Analog Devices AD5611 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD5601/AD5611/AD5621
Data Sheet
Rev. F | Page 12 of 24
Figure 35. Total Unadjusted Error (TUE) vs. Supply Voltage at 25°C
Figure 36. Zero-Code Error and Full-Scale Error vs. Supply Voltage at 25°C
Figure 37. Supply Current vs. Supply Voltage at 25°C
Figure 38. SCLK/SDIN vs. Logic Voltage
2.7
3.2
3.7
4.2
4.7
5.2
SUPPLY VOLTAGE (V)
TA = 25°C
AD5621 MAX TUE
AD5601 MAX TUE
AD5611 MIN TUE
AD5601 MIN TUE
AD5621 MIN TUE
–0.3
–0.1
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
AD5611 MAX TUE
2.7
3.2
3.7
4.2
4.7
5.2
5.7
6.2
6.7
SUPPLY VOLTAGE (V)
TA = 25°C
AD5621 ZERO-CODE ERROR
AD5611 ZERO-CODE ERROR
AD5621 FULL-SCALE ERROR
AD5611 FULL-SCALE ERROR
AD5601 ZERO-CODE ERROR
AD5601 FULL-SCALE ERROR
–0.0004
–0.0002
0
0.0002
0.0004
0.0006
0.0008
0.0010
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
2.7
3.2
3.7
4.2
4.7
5.2
SUPPLY VOLTAGE (V)
TA = 25°C
0
50
100
150
200
250
300
350
400
450
0
VLOGIC (V)
SCLK/SDIN
INCREASING
VDD = 3V
SCLK/SDIN DECREASING VDD = 3V
SCLK/SDIN
DECREASING
VDD = 5V
SCLK/SDIN
INCREASING
VDD = 5V
6
4
5
3
2
1
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com