Electronic Components Datasheet Search
  English  ▼

X  

IR3897 Datasheet(PDF) 6 Page - International Rectifier

Part # IR3897
Description  4A HIGHLY INTEGRATED SUPLRBUCK
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3897 Datasheet(HTML) 6 Page - International Rectifier

Back Button IR3897 Datasheet HTML 2Page - International Rectifier IR3897 Datasheet HTML 3Page - International Rectifier IR3897 Datasheet HTML 4Page - International Rectifier IR3897 Datasheet HTML 5Page - International Rectifier IR3897 Datasheet HTML 6Page - International Rectifier IR3897 Datasheet HTML 7Page - International Rectifier IR3897 Datasheet HTML 8Page - International Rectifier IR3897 Datasheet HTML 9Page - International Rectifier IR3897 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
- 6 -
AUGUST 08, 2012 |DATA SHEET |    Rev 3.3
6
IR3897 
4A Highly Integrated SupIRBuck
TM  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97663
ELECTRICAL  SPECIFICATIONS 
RECOMMENDED OPERATING CONDITIONS FOR RELIABLE OPERATION WITH MARGIN 
 
SYMBOL 
MIN 
MAX 
UNITS
Input Voltage Range* 
PVin 
1.0 
21 
V 
  
Input Voltage Range** 
Vin 
6.8 
21 
Supply Voltage Range*** 
VCC 
4.5 
7.5 
Supply Voltage Range 
Boot to SW 
4.5 
7.5 
Output Voltage Range 
VO 
0.5 
0.86xVin 
Output Current Range 
IO 
0 
±4 
A 
Switching Frequency 
FS 
300 
1500 
kHz 
Operating Junction Temperature 
TJ ‐40 
125 
°C 
*Maximum SW voltage should not exceed 25V. 
**For internally biased single rail operation.  
*** Vcc/LDO_Out can be connected to an external regulated supply. If so, the Vin input should be connected to Vcc/LDO_Out pin. 
ELECTRICAL CHARACTERISTICS 
Unless otherwise specified, these specifications apply over, 6.8V < Vin = PVin < 21V, Vref = 0.5V in 0°C < TJ < 125°C.  
Typical values are specified at Ta = 25°C. 
PARAMETER 
SYMBOL 
CONDITIONS 
MIN 
TYP 
MAX 
UNIT 
Power Stage 
Power Losses 
PLOSS 
Vin = 12V, VO = 1.2V, IO = 4A,  
Fs = 600kHz, L = 1.5uH,  
Vcc = 6.4V, Note 4 
  
0.5   
W 
Top Switch 
Rds(on)_Top 
VBoot‐Vsw=6.4V,IO= 4A,Tj = 25°C   
17.5 
22.5 
mΩ 
Bottom Switch 
Rds(on)_Bot 
Vcc = 6.4V, IO = 4A, Tj = 25°C   
17.9 
23.3  
Bootstrap Diode Forward Voltage   
I(Boot) = 10mA 
180  
260 
470 
mV 
SW Leakage Current 
ISW 
SW = 0V, Enable = 0V   
  
1 
µA 
SW = 0V, Enable = high,  
Vp = 0V 
  
Dead Band Time 
Tdb 
Note 4 
5 
10 
30 
ns 
Supply Current 
VIN Supply Current (standby) 
Iin(Standby) 
EN = Low, No Switching   
  
100 
µA 
VIN Supply Current (dynamic) 
Iin(Dyn) 
EN = High, Fs = 600kHz,  
Vin = PVin = 21V 
  
9.5 
12.5 
mA 
Vcc/ LDO_Out 
Output Voltage 
Vcc 
 Vin(min) = 6.8V, Icc = 0‐30mA, 
Cload = 2.2uF, DCM = 0 
6.0 
6.4 
6.7 
V 
 Vin(min) = 6.8V, Icc = 0‐30mA, 
Cload = 2.2uF, DCM = 1 
4.0 
4.4 
4.8 
LDO Dropout Voltage 
Vcc_drop  Icc=30mA,Cload=2.2uF  
 
0.7 
V 
Short Circuit Current 
Ishort  
 
70  
mA 
Zero‐crossing Comparator Delay 
Tdly_zc 
Note 4  
256/Fs  
s 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com