Electronic Components Datasheet Search
  English  ▼

X  

IR3897 Datasheet(PDF) 1 Page - International Rectifier

Part # IR3897
Description  4A HIGHLY INTEGRATED SUPLRBUCK
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3897 Datasheet(HTML) 1 Page - International Rectifier

  IR3897 Datasheet HTML 1Page - International Rectifier IR3897 Datasheet HTML 2Page - International Rectifier IR3897 Datasheet HTML 3Page - International Rectifier IR3897 Datasheet HTML 4Page - International Rectifier IR3897 Datasheet HTML 5Page - International Rectifier IR3897 Datasheet HTML 6Page - International Rectifier IR3897 Datasheet HTML 7Page - International Rectifier IR3897 Datasheet HTML 8Page - International Rectifier IR3897 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
- 1 -
AUGUST 08, 2012 |DATA SHEET |    Rev 3.3
1
IR3897 
4A Highly Integrated SupIRBuck
TM  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97663
73
75
77
79
81
83
85
87
89
91
93
95
97
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
Load Current (A)
1.2Vout
3.3Vout
12Vin,Internal bias,Frequency 600KHz
FEATURES 
 Single 5V to 21V application 
 Wide Input Voltage Range from 1.0V to 21V with 
external Vcc  
 Output Voltage Range: 0.5V to 0.86* Vin 
 Enhanced Line/Load Regulation with Feed‐Forward 
 Programmable Switching Frequency up to 1.5MHz 
 Internal Digital Soft‐Start/Soft‐Stop 
 Enable input with Voltage Monitoring Capability 
 Thermally Compensated Current Limit with robust 
hiccup mode over current protection 
 Smart Internal LDO to improve light load and full load 
efficiency  
 External Synchronization with Smooth Clocking  
 Enhanced Pre‐Bias Start‐Up 
 Precision Reference Voltage (0.5V+/‐0.5%) with 
margining capability 
 Vp for Tracking Applications (Source/Sink Capability  
+/‐4A) 
 Integrated MOSFET drivers and Bootstrap Diode 
 Thermal Shut Down 
 Programmable Power Good Output with tracking 
capability 
 Monotonic Start‐Up 
 Operating temp: ‐40oC  < Tj < 125oC  
 Small Size: 4mm x 5mm PQFN 
 Lead‐free, Halogen‐free and RoHS Compliant 
BASIC APPLICATION 
 
Figure 1: IR3897 Basic Application Circuit                                       
DESCRIPTION 
The IR3897 SupIRBuck
TM is an easy‐to‐use, fully 
integrated and highly efficient DC/DC regulator.  
The onboard PWM controller and MOSFETs make 
IR3897 a space‐efficient solution, providing accurate 
power delivery. 
IR3897 is a versatile regulator which offers 
programmability of switching frequency and internal 
current limit while operates in wide input and output  
voltage range. 
The switching frequency is programmable from 300kHz 
to 1.5MHz for an optimum solution.  
It also features important protection functions, such as 
Pre‐Bias startup, thermally compensated current limit, 
over voltage protection and thermal shutdown to give 
required system level security in the event of fault 
conditions. 
APPLICATIONS 
 Netcom Applications 
 Embedded Telecom Systems 
 Server Applications 
 Storage Applications 
 Distributed Point of Load Power Architectures 
 
 
 
 
Figure 2:IR3897 Efficiency 
*
*
* optional 


Similar Part No. - IR3897

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3897 IRF-IR3897 Datasheet
2Mb / 47P
4A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3897M IRF-IR3897M Datasheet
2Mb / 47P
Single?륤nput Voltage, Synchronous Buck Regulator
IR3897MPBF IRF-IR3897MPBF Datasheet
2Mb / 17P
USER GUIDE FOR IR3897 EVALUATION BOARD
IR3897MPBF IRF-IR3897MPBF Datasheet
2Mb / 47P
4A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3897MTR1PBF IRF-IR3897MTR1PBF Datasheet
2Mb / 47P
4A Highly Integrated SupIRBuck Single?륤nput Voltage
More results

Similar Description - IR3897

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3842WMPBF IRF-IR3842WMPBF Datasheet
739Kb / 34P
HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3894 IRF-IR3894 Datasheet
2Mb / 43P
12A HIGHLY INTERGRATED SUPLRBUCK
IR3895 IRF-IR3895 Datasheet
2Mb / 43P
16A HIGHLY INTERGRATED SUPLRBUCK
IR3898 IRF-IR3898 Datasheet
2Mb / 45P
6A HIGHLY INTERGRATED SUPLRBUCK
IR3899 IRF-IR3899 Datasheet
2Mb / 43P
9A HIGHLY INTEGRATED SUPLRBUCK
IR3842WMPBF IRF-IR3842WMPBF_12 Datasheet
758Kb / 34P
HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3853MPBF IRF-IR3853MPBF Datasheet
973Kb / 35P
HIGHLY EFFICIENT INTEGRATED 4A, SYNCHRONOUS BUCK REGULATOR
IR3842M IRF-IR3842M_15 Datasheet
921Kb / 32P
HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3842WM IRF-IR3842WM_15 Datasheet
758Kb / 34P
HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3853M IRF-IR3853M_15 Datasheet
973Kb / 35P
HIGHLY EFFICIENT INTEGRATED 4A, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com