Electronic Components Datasheet Search
  English  ▼

X  

IR3897 Datasheet(PDF) 17 Page - International Rectifier

Part # IR3897
Description  4A HIGHLY INTEGRATED SUPLRBUCK
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3897 Datasheet(HTML) 17 Page - International Rectifier

Back Button IR3897 Datasheet HTML 13Page - International Rectifier IR3897 Datasheet HTML 14Page - International Rectifier IR3897 Datasheet HTML 15Page - International Rectifier IR3897 Datasheet HTML 16Page - International Rectifier IR3897 Datasheet HTML 17Page - International Rectifier IR3897 Datasheet HTML 18Page - International Rectifier IR3897 Datasheet HTML 19Page - International Rectifier IR3897 Datasheet HTML 20Page - International Rectifier IR3897 Datasheet HTML 21Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
- 17 -
AUGUST 08, 2012 |DATA SHEET |    Rev 3.3
17
IR3897 
4A Highly Integrated SupIRBuck
TM  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97663
THEORY OF OPERATION 
 
DESCRIPTION 
The IR3897 uses a PWM voltage mode control scheme with 
external compensation to provide good noise immunity 
and maximum flexibility in selecting inductor values and 
capacitor types.  
The switching frequency is programmable from 300kHz  
to 1.5MHz and provides the capability of optimizing the 
design in terms of size and performance. 
IR3897 provides precisely regulated output voltage 
programmed via two external resistors from 0.5V to 
0.86*Vin. 
The IR3897 operates with an internal bias supply (LDO) 
which is connected to the Vcc/LDO_out pin. This allows 
operation with single supply. The bias voltage is variable 
according to load condition. If the output load current is 
less than half of the peak‐to‐peak inductor current, a lower 
bias voltage, 4.4V, is used as the internal gate drive 
voltage; otherwise, a higher voltage, 6.4V, is used.  
This feature helps the converter to reduce power losses. 
The device can also be operated with an external supply 
from 4.5 to 7.5V, allowing an extended operating input 
voltage (PVin) range from 1.0V to 16V. For using the 
internal LDO supply, the Vin pin should be connected to 
PVin pin. If an external supply is used, it should be 
connected to Vcc/LDO_Out pin and the Vin pin should be 
shorted to Vcc/LDO_Out pin. 
The device utilizes the on‐resistance of the low side 
MOSFET (synchronous Mosfet) for the over current 
protection. This method enhances the converter’s 
efficiency and reduces cost by eliminating the need for 
external current sense resistor. 
IR3897 includes two low Rds(on) MOSFETs using IR’s HEXFET 
technology. These are specifically designed for high 
efficiency applications.   
UNDER‐VOLTAGE LOCKOUT AND POR 
The under‐voltage lockout circuit monitors the voltage of 
Vcc/LDO_Out pin and the Enable input. It assures that the 
MOSFET driver outputs remain in the off state whenever 
either of these two signals drop below the set thresholds. 
Normal operation resumes once Vcc/LDO_Out and Enable 
rise above their thresholds. 
The POR (Power On Ready) signal is generated when all 
these signals reach the valid logic level (see system block 
diagram). When the POR is asserted the soft start 
sequence starts (see soft start section). 
ENABLE 
The Enable features another level of flexibility for start up. 
The Enable has precise threshold which is internally 
monitored by Under‐Voltage Lockout (UVLO) circuit. 
Therefore, the IR3897 will turn on only when the voltage  
at the Enable pin exceeds this threshold, typically, 1.2V. 
If the input to the Enable pin is derived from the bus 
voltage by a suitably programmed resistive divider, it can 
be ensured that the IR3897 does not turn on until the bus 
voltage reaches the desired level (Fig. 4). Only after the bus 
voltage reaches or exceeds this level and voltage at the 
Enable pin exceeds its threshold, IR3897 will be enabled. 
Therefore, in addition to being a logic input pin to enable 
the IR3897, the Enable feature, with its precise threshold, 
also allows the user to implement an Under‐Voltage 
Lockout for the bus voltage (PVin). This is desirable 
particularly for high output voltage applications, where we 
might want the IR3897 to be disabled at least until PVIN 
exceeds the desired output voltage level. 
Pvin (12V)
Vcc
Enable
Intl_SS
10. 2 V
Enable Threshold= 1.2V
 
Figure 4: Normal Start up, device turns on  
when the bus voltage reaches 10.2V 
A resistor divider is used at EN pin from PVin to turn on the 
device at 10.2V. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com