Electronic Components Datasheet Search
  English  ▼

X  

IR3897 Datasheet(PDF) 8 Page - International Rectifier

Part # IR3897
Description  4A HIGHLY INTEGRATED SUPLRBUCK
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3897 Datasheet(HTML) 8 Page - International Rectifier

Back Button IR3897 Datasheet HTML 4Page - International Rectifier IR3897 Datasheet HTML 5Page - International Rectifier IR3897 Datasheet HTML 6Page - International Rectifier IR3897 Datasheet HTML 7Page - International Rectifier IR3897 Datasheet HTML 8Page - International Rectifier IR3897 Datasheet HTML 9Page - International Rectifier IR3897 Datasheet HTML 10Page - International Rectifier IR3897 Datasheet HTML 11Page - International Rectifier IR3897 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
- 8 -
AUGUST 08, 2012 |DATA SHEET |    Rev 3.3
8
IR3897 
4A Highly Integrated SupIRBuck
TM  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97663
PARAMETER 
SYMBOL 
CONDITIONS 
MIN 
TYP 
MAX 
UNIT 
Vref Margining Voltage 
 
Vref_marg  
0.4  
1.2 
V 
Sink Current 
Isink_Vref 
Vref = 0.6V 
12.7 
16.0 
19.3 
µA 
Source Current 
Isrc_Vref 
Vref = 0.4V 
12.7 
16.0 
19.3 
Vref Comparator Threshold 
Vref_disable 
Vref pin connected externally  
 
0.15 
V 
Vref_enable 
0.4  
 
Soft Start/Stop 
Soft Start Ramp Rate 
Ramp(SS_start)  
0.16 
0.2 
0.24 
mV/µs 
Soft Stop Ramp Rate 
Ramp(SS_stop)  
‐0.24 ‐0.2 ‐0.16 
S_Ctrl Threshold 
High  
2.4  
 
V 
Low  
 
 
0.6 
Power Good 
PGood Turn on Threshold 
VPG(on) 
Vsns Rising, 0.4V < Vref < 1.2V 
85 
90 
95  
% Vref 
Vsns Rising, Vref < 0.1V 
85 
90 
95 
% Vp 
PGood Lower Turn off Threshold 
VPG(lower) 
Vsns Falling, 0.4V < Vref < 1.2V  85 
85  95 
% Vref 
Vsns Falling, Vref < 0.1V 
80 
85 
90 
% Vp 
PGood Turn on Delay 
VPG(on)_Dly 
Vsns Rising,see VPG(on)  
1.28  
ms 
PGood Upper Turn off Threshold 
VPG(upper) 
Vsns Rising, 0.4V < Vref < 1.2V 
115  
120 
125  
% Vref 
Vsns Rising, Vref < 0.1V 
115 
120 
125 
% Vp 
PGood Comparator Delay 
VPG(comp)_ 
Dly 
Vsns < VPG(lower) or  
Vsns > VPG(upper) 
1 
2 
3.5 
µs 
PGood Voltage Low 
PG(voltage) 
IPgood = ‐5mA   
  
0.5  
V 
Tracker Comparator Upper 
Threshold 
VPG(tracker_ 
upper) 
Vp Rising, Vref < 0.1V   
0.4   
V 
Tracker Comparator Lower 
Threshold 
VPG(tracker_ 
lower) 
Vp Falling, Vref < 0.1V   
0.3   
Tracker Comparator Delay 
Tdelay(tracker) 
Vp Rising, Vref < 0.1V,see 
VPG(tracker_upper) 
  
1.28   
ms 
Under‐Voltage Lockout 
Vcc‐Start Threshold 
VCC_UVLO_Start 
Vcc Rising Trip Level 
4.0 
4.2 
4.4 
V 
Vcc‐Stop Threshold 
VCC_UVLO_Stop 
Vcc Falling Trip Level 
3.7 
3.9 
4.1 
Enable‐Start‐Threshold 
Enable_UVLO_Start 
Supply ramping up 
1.14 
1.2 
1.26 
V 
Enable‐Stop‐Threshold 
Enable_UVLO_Stop 
Supply ramping down 
0.95 
1 
1.05 
Enable Leakage Current 
Ien 
Enable = 3.3V  
  
1 
µA 
Over‐Voltage Protection 
OVP Trip Threshold 
OVP_Vth 
Vsns Rising, 0.45V < Vref < 1.2V 
115 
120 
125 
% Vref 
Vsns Rising, Vref < 0.1V 
115 
120 
125 
% Vp 
OVP Comparator Dely 
OVP_Tdly  
1 
2 
3.5 
µs 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com