Electronic Components Datasheet Search
  English  ▼

X  

IR3899 Datasheet(PDF) 34 Page - International Rectifier

Part # IR3899
Description  9A HIGHLY INTEGRATED SUPLRBUCK
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3899 Datasheet(HTML) 34 Page - International Rectifier

Back Button IR3899 Datasheet HTML 30Page - International Rectifier IR3899 Datasheet HTML 31Page - International Rectifier IR3899 Datasheet HTML 32Page - International Rectifier IR3899 Datasheet HTML 33Page - International Rectifier IR3899 Datasheet HTML 34Page - International Rectifier IR3899 Datasheet HTML 35Page - International Rectifier IR3899 Datasheet HTML 36Page - International Rectifier IR3899 Datasheet HTML 37Page - International Rectifier IR3899 Datasheet HTML 38Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
- 34 -
August 08, 2012 |DATA SHEET | 3.4
34
IR3899 
9A Highly Integrated SupIRBuck
TM  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97661
TYPICAL OPERATING WAVEFORMS 
Vin = 12V, Vo = 1.2V, Iout = 0‐9A, Room Temperature, No Air Flow  
 
Figure 30: Start up at 9A Load,  
Ch1:Vin, Ch2:Vo, Ch3:PGood Ch4:Enable  
 
Figure 32: Start up with 1V Pre Bias,  
0A Load, Ch2:Vo 
 
Figure 34: Inductor node at 9A load, Ch2:LX  
 
Figure 31: Start up at 9A Load,  
Ch1:Vin, Ch2:Vo, Ch3:Vcc, Ch4:PGood 
 
Figure 33: Output Voltage Ripple,  
9A Load, Ch2:Vout 
 
Figure 35: Short Circuit Recovery,  
Ch2‐Vout, Ch4:Iout (5A/Div)  
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com