Electronic Components Datasheet Search
  English  ▼

X  

IR3899 Datasheet(PDF) 1 Page - International Rectifier

Part # IR3899
Description  9A HIGHLY INTEGRATED SUPLRBUCK
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3899 Datasheet(HTML) 1 Page - International Rectifier

  IR3899 Datasheet HTML 1Page - International Rectifier IR3899 Datasheet HTML 2Page - International Rectifier IR3899 Datasheet HTML 3Page - International Rectifier IR3899 Datasheet HTML 4Page - International Rectifier IR3899 Datasheet HTML 5Page - International Rectifier IR3899 Datasheet HTML 6Page - International Rectifier IR3899 Datasheet HTML 7Page - International Rectifier IR3899 Datasheet HTML 8Page - International Rectifier IR3899 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
- 1 -
August 08, 2012 |DATA SHEET | 3.4
1
IR3899 
9A Highly Integrated SupIRBuck
TM  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97661
78
80
82
84
86
88
90
92
94
96
98
0.9
1.8
2.7
3.6
4.5
5.4
6.3
7.2
8.1
9
Load Current (A)
1.2Vout
3.3Vout
12Vin,Internal bias,Frequency 600KHz
FEATURES 
 Single 5V to 21V application 
 Wide Input Voltage Range from 1.0V to 21V with 
external Vcc  
 Output Voltage Range: 0.5V to 0.86* Vin 
 Enhanced Line/Load Regulation with Feed‐Forward 
 Programmable Switching Frequency up to 1.5MHz 
 Internal Digital Soft‐Start/Soft‐Stop 
 Enable input with Voltage Monitoring Capability 
 Thermally Compensated Current Limit with robust 
hiccup mode over current protection 
 Smart internal LDO to improve light load and full 
load efficiency  
 External Synchronization with Smooth Clocking  
 Enhanced Pre‐Bias Start‐Up 
 Precision Reference Voltage (0.5V+/‐0.5%) with 
margining capability 
 Vp for Tracking Applications (Source/Sink Capability  
+/‐9A) 
 Integrated MOSFET drivers and Bootstrap Diode 
 Thermal Shut Down 
 Programmable Power Good Output with tracking 
capability 
 Monotonic Start‐Up 
 Operating temp: ‐40oC  < Tj < 125oC  
 Small Size: 4mm x 5mm PQFN 
 Lead‐free, Halogen‐free and RoHS Compliant 
BASIC APPLICATION 
 
Figure 1: IR3899 Basic Application Circuit 
DESCRIPTION 
The IR3899 SupIRBuck
TM is an easy‐to‐use, fully integrated 
and highly efficient DC/DC regulator. The onboard PWM 
controller and MOSFETs make IR3899 a space‐efficient 
solution, providing accurate power delivery. 
IR3899 is a versatile regulator which offers programmable 
switching frequency and the fixed internal current limit 
while operates in wide input and output voltage range. 
The switching frequency is programmable from 300kHz to 
1.5MHz for an optimum solution.  
It also features important protection functions, such as 
Pre‐Bias startup, thermally compensated current limit, 
over voltage protection and thermal shutdown to give 
required system level security in the event of fault 
conditions. 
APPLICATIONS 
 Netcom Applications 
 Embedded Telecom Systems 
 Server Applications 
 Storage Applications 
 Distributed Point of Load Power Architectures 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Figure 2: IR3899 Efficiency 
*
*
* optional


Similar Part No. - IR3899

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3899 IRF-IR3899 Datasheet
2Mb / 45P
9A Highly Integrated SupIRBuck Single.Input Voltage
logo
Infineon Technologies A...
IR3899A INFINEON-IR3899A Datasheet
1Mb / 38P
9 A single-voltage synchronous Buck regulator
V 2.3 2022-07-25
IR3899AMTRPBF INFINEON-IR3899AMTRPBF Datasheet
1Mb / 38P
9 A single-voltage synchronous Buck regulator
V 2.3 2022-07-25
IR3899AMTRPBFXUMA1 INFINEON-IR3899AMTRPBFXUMA1 Datasheet
1Mb / 38P
9 A single-voltage synchronous Buck regulator
V 2.3 2022-07-25
logo
International Rectifier
IR3899M IRF-IR3899M Datasheet
2Mb / 45P
Single?륤nput Voltage, Synchronous Buck Regulator
More results

Similar Description - IR3899

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3821AMPBF IRF-IR3821AMPBF Datasheet
40Kb / 1P
HIGHLY INTEGRATED 9A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3821AMPBF IRF-IR3821AMPBF_08 Datasheet
677Kb / 21P
HIGHLY INTEGRATED 9A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3894 IRF-IR3894 Datasheet
2Mb / 43P
12A HIGHLY INTERGRATED SUPLRBUCK
IR3895 IRF-IR3895 Datasheet
2Mb / 43P
16A HIGHLY INTERGRATED SUPLRBUCK
IR3897 IRF-IR3897 Datasheet
2Mb / 45P
4A HIGHLY INTEGRATED SUPLRBUCK
IR3898 IRF-IR3898 Datasheet
2Mb / 45P
6A HIGHLY INTERGRATED SUPLRBUCK
IR3859MPBF IRF-IR3859MPBF Datasheet
978Kb / 35P
HIGHLY EFFICIENT INTEGRATED 9A, SYNCHRONOUS BUCK REGULATOR
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
9A Highly Integrated SupIRBuck Single.Input Voltage
IR3859M IRF-IR3859M_15 Datasheet
978Kb / 35P
HIGHLY EFFICIENT INTEGRATED 9A, SYNCHRONOUS BUCK REGULATOR
logo
Maxim Integrated Produc...
MAXM15466 MAXIM-MAXM15466 Datasheet
665Kb / 10P
Highly Integrated Solution
Rev 0; 3/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com